Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTSA-T67RVSWTA Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTSA-T67RVSWTA
Description  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-T67RVSWTA Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTSA-T67RVSWTA Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 11Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 12Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 13Page - Lite-On Technology Corporation LTSA-T67RVSWTA Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
Part No. : LTSA-T67RVSWTA
BNS-OD-FC002/A4
SMD LED
LTSA-T67RVSWTA
8. Reliability Test
8.1 Test Item/Condition (Based on AEC-Q101 Ver. D):
No.
Test item
Test condition
# of Lots
Sample size
Per Lot
Reference
standard
2
Pre-conditioning
MSL 2a
125℃, 24 hrs baking
Moisture Soak 60℃/60% 168 hrs
Interval: 15mins ~ 4 hours to do
IR-Reflow
3
385
JESD22 A-113
5b+
High Temperature
Forward Bias (HTFB)
Ta=55 ± 2°C
IF: 50mA
1000 hrs
3
77
JESD22 A-108
5b
High Temperature
Forward Bias (HTFB)
Ta=100 ± 2°C
IF: 20mA
1000 hrs
3
77
JESD22 A-108
7
Temperature Cycle (TC)
-40°C(+0, -10) to 100°C(+15,-0)
10 min
10 min
10 min
1000 cycles
3
77
JESD22 A-104
Appendix 6
9a
High Temperature
High Humidity Bias
(HTHHB)
Ta=85 ± 2°C, 85 ± 5% RH
IF: 30mA
1000 hrs
3
77
JESD22 A-101
10alt Power and Temperature
Cycle (PTC)
-40°C (+0, -10) to 85°C (+10,-0)
10 min
20 min
10 min
IF: 30mA
1 cycle: 2 min. on / 2 min. off
15000 cycles (1000 hrs)
3
77
JESD22 A-105
11
ESD Characterization
HBM 2000V, CDM 1000V
1
30 each
HBM/CDM
AEC Q101-001,
and Q101-005
20
Resistance
to
Solder
Heat
Tsld=260°C, 10sec. 3times
1
30
JESD22A-111
21
Solderability
Tsld = 245± 5°C, 5sec,
Leas-free Solder
1
10
J-STD-002
JESD22B102
Note: ESD characterization is only for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com