Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Si3050 Datasheet(PDF) 68 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 68 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 64Page - Silicon Laboratories Si3050 Datasheet HTML 65Page - Silicon Laboratories Si3050 Datasheet HTML 66Page - Silicon Laboratories Si3050 Datasheet HTML 67Page - Silicon Laboratories Si3050 Datasheet HTML 68Page - Silicon Laboratories Si3050 Datasheet HTML 69Page - Silicon Laboratories Si3050 Datasheet HTML 70Page - Silicon Laboratories Si3050 Datasheet HTML 71Page - Silicon Laboratories Si3050 Datasheet HTML 72Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
Si3050 + Si3011/18/19
68
Rev. 1.5
Reset settings = 0000_0000
Register 5. DAA Control 1
Bit
D7D6D5D4D3
D2
D1
D0
Name
RDTN
RDTP
ONHM
RDT
OH
Type
R
R
R/W
R
R/W
Bit
Name
Function
7
Reserved Read returns zero.
6
RDTN
Ring Detect Signal Negative.
0 = No negative ring signal is occurring.
1 = A negative ring signal is occurring.
5RDTP
Ring Detect Signal Positive.
0 = No positive ring signal is occurring.
1 = A positive ring signal is occurring.
4
Reserved Read returns zero.
3
ONHM
On-Hook Line Monitor.
0 = Normal on-hook mode.
1 = Enables low-power on-hook monitoring mode allowing the host to receive line activity
without going off-hook. This mode is used for caller-ID detection.
2
RDT
Ring Detect.
0 = Reset 5 seconds after last positive ring is detected or when the system executes an
off-hook. Only a positive ring sets this bit when RFWE = 0. When RFWE = 1, either a positive
or negative ring sets this bit.
1 = Indicates a ring is occurring.
1
Reserved Read returns zero.
0OH
Off-Hook.
0 = Line-side device on-hook.
1 = Causes the line-side device to go off-hook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com