Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLC01-200B Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLC01-200B
Description  FIRE LIGHTER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200B Datasheet(HTML) 3 Page - STMicroelectronics

  FLC01-200B Datasheet HTML 1Page - STMicroelectronics FLC01-200B Datasheet HTML 2Page - STMicroelectronics FLC01-200B Datasheet HTML 3Page - STMicroelectronics FLC01-200B Datasheet HTML 4Page - STMicroelectronics FLC01-200B Datasheet HTML 5Page - STMicroelectronics FLC01-200B Datasheet HTML 6Page - STMicroelectronics FLC01-200B Datasheet HTML 7Page - STMicroelectronics FLC01-200B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FLC01-200x
3/8
ELECTRICAL CHARACTERISTICS
Symbol
Parameters
VRM
Stand-off voltage
VBO
Breakover voltage
VT
On-state voltage
VF
Diode forward voltage drop
IBO
Breakover current
IRM
Leakage current
αT
Temperature coefficient for VBO
I
I
F
VF
V
T
IRM
I BO
I T
V
V
BO
V
RM
Symbol
Test Conditions
Value
Unit
VF
IF =2A
tp
≤ 500µs
Tj = 25°C
Max.
1.7
V
DIODE (D) PARAMETER
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IRM
VRM = 200 V
Tj = 25°C
1
µA
Tj = 125°C
10
µA
VBO
at IBO
Tj = 25°C
206
220
233
V
IBO
at VBO
Tj = 25°C
0.5
mA
VT
IT =2A
tp
≤ 500µs
Tj = 25°C
1.7
V
αT
0.27
V/°C
THYRISTOR (Th) and ZENER (Z) PARAMETERS
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
Tj (°C)
k = I
(Tj) / I
(25°C)
BO
BO
Fig. 1: Relative variation of breakover current
versus junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com