Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RI82 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RI82
Description  High Voltage Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI82 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RI82 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/5
① Silver Palladium Pole
② Resistent Film
③ Insulation Coating
④ 96%A1023 Ceramic Base
Chip General Specifications
Chip Type General Specifications (Unit:mm) (RI82)
Part
Number
Rated
Wattage
(W)
Style
Dimensions (Unit:mm)
Resistance
Range (MΩ)
Temp
Coefficient
(10-6/ ℃)
Resistance
Tolerance
Max
Working
Voltage
(KV)
LMax
SMax
HMax
I dMax
RI82-2
2
a
33
8
0.8
10-1000
≤200
J(±5%)
K(±10%)
M(±20%)
15
RI82-2
2
a
25
10
0.8
A Style Dimensions - High Voltage Chip Resistor (RI82)
Remark:
Rated continuous Working Voltage (RCWV) shall be determined from RCWV =
√�������������������� ������������������������ × ���������������������������������������� ��������������������(����).
When RCWV ≥ Max. Working Voltage listed above, RCWV = Max. Working Voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com