Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSC10KA2C3P Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # UPSC10KA2C3P
Description  Ultra Precision Resistor Networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPSC10KA2C3P Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  UPSC10KA2C3P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPSC10KA2C3P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPSC10KA2C3P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPSC10KA2C3P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPSC10KA2C3P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPSC10KA2C3P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/5
UPSC Versus UPR Series
UPSC Versus UPR Series
Nominal Resistance Range (Ω)
Nominal Resistance
Tolerance (%)
Temperature Coefficient (ppm/℃)
[TCR: +25℃ ~ +85℃]
UPSC
UPR
40Ω ~ 5MΩ
10Ω ~ 5MΩ
A2 ± 0.02
A5 ±0.05
B ± 0.1
C9 ± 3ppm/℃
C7 ± 5ppm/℃
C6 ± 10ppm/℃
C5 ± 15ppm/℃
C3 ± 25ppm/℃
200Ω ~ 500KΩ
100Ω ~ 500KΩ
T ± 0.01
A2 ± 0.02
A5 ± 0.05
B ± 0.1
C10 ± 2ppm/℃
C9 ± 3ppm/℃
C7 ± 5ppm/℃
C6 ± 10ppm/℃
C5 ± 15ppm/℃
C3 ± 25ppm/℃
(UPSC) Compact Size Networks
Dimensions (Unit: mm)
(UPR) Wider Ohmic Range Networks
Dimensions (Unit: mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com