Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2,5MB05 Datasheet(PDF) 3 Page - Lumberg

Part # 2,5MB05
Description  Minimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5MB05 Datasheet(HTML) 3 Page - Lumberg

  2,5MB05 Datasheet HTML 1Page - Lumberg 2,5MB05 Datasheet HTML 2Page - Lumberg 2,5MB05 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
31 2,5 MB
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
2,5 MB 02
2
250
1000
5.0
2.5
2,5 MB 03
3
250
1000
7.5
5.0
2,5 MB 04
4
250
1000
10.0
7.5
2,5 MB 05
5
250
1000
12.5
10.0
2,5 MB 06
6
250
1000
15.0
12.5
2,5 MB 07
7
250
1000
17.5
15.0
2,5 MB 08
8
250
1000
20.0
17.5
2,5 MB 09
9
250
1000
22.5
20.0
2,5 MB 10
10
250
1000
25.0
22.5
2,5 MB 11
11
250
1000
27.5
25.0
2,5 MB 12
12
250
1000
30.0
27.5
2,5 MB 13
13
250
1000
32.5
30.0
2,5 MB 14
14
250
1000
35.0
32.5
2,5 MB 15
15
250
1000
37.5
35.0
2,5 MB 16
16
250
1000
40.0
37.5
2,5 MB 17
17
250
1000
42.5
40.0
2,5 MB 18
18
250
1000
45.0
42.5
2,5 MB 19
19
200
1000
47.5
45.0
2,5 MB 20
20
200
1000
50.0
47.5
Packaging:
in bulk, in a cardboard box
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com