Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2,5MBPH Datasheet(PDF) 3 Page - Lumberg

Part # 2,5MBPH
Description  Minimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,5MBPH Datasheet(HTML) 3 Page - Lumberg

  2,5MBPH Datasheet HTML 1Page - Lumberg 2,5MBPH Datasheet HTML 2Page - Lumberg 2,5MBPH Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
31 2,5 MBPH
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
2,5 MBPH 02
2
250
1000
5.0
2.5
2,5 MBPH 03
3
250
1000
7.5
5.0
2,5 MBPH 04
4
250
1000
10.0
7.5
2,5 MBPH 05
5
250
1000
12.5
10.0
2,5 MBPH 06
6
250
1000
15.0
12.5
2,5 MBPH 07
7
250
1000
17.5
15.0
2,5 MBPH 08
8
250
1000
20.0
17.5
2,5 MBPH 09
9
250
1000
22.5
20.0
2,5 MBPH 10
10
250
1000
25.0
22.5
2,5 MBPH 11
11
250
1000
27.5
25.0
2,5 MBPH 12
12
250
1000
30.0
27.5
2,5 MBPH 13
13
250
1000
32.5
30.0
2,5 MBPH 14
14
250
1000
35.0
32.5
2,5 MBPH 15
15
250
1000
37.5
35.0
2,5 MBPH 16
16
250
1000
40.0
37.5
2,5 MBPH 17
17
250
1000
42.5
40.0
2,5 MBPH 18
18
250
1000
45.0
42.5
2,5 MBPH 19
19
200
1000
47.5
45.0
2,5 MBPH 20
20
200
1000
50.0
47.5
Packaging:
in bulk, in a cardboard box
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com