Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3471 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 3 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3471
3471f
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current
vs Temperature
VREF Voltage vs Temperature
VREF Voltage vs VREF Current
SHDN/SS Current
vs SHDN/SS Voltage
Current Limit vs Duty Cycle
Switch Saturation Voltage
vs Switch Current
Oscillator Frequency
vs Temperature
Start-Up Waveform
(Figure 2 Circuit)
Peak Switch Current
vs SHDN/SS Voltage
TEMPERATURE (°C)
–50
–25
1.6
2.0
2.6
0
50
75
3471 G01
1.8
2.4
2.2
25
100
125
TEMPERATURE (°C)
–50
–25
0.990
1.000
1.010
0
50
75
3471 G02
0.995
1.005
25
100
125
VREF
VOLTAGE
100mV/DIV
VREF CURRENT 200µA/DIV
3741 G03
SHDN/SS
CURRENT
20µV/DIV
SHDN/SS VOLTAGE 1V/DIV
3741 G04
VIN = 3.3V
VIN > VSHDN/SS
DUTY CYCLE (%)
0
1.2
1.6
2.2
2.0
80
3471 G05
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
20
40
60
100
TYPICAL
GUARANTEED
TA = 25°C
SW CURRENT (A)
0
800
700
600
500
400
300
200
100
0
1.6
3471 G06
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
90°C
25°C
TEMPERATURE (°C)
–50
1.00
1.05
1.15
1.20
1.25
1.50
1.35
0
50
75
3471 G07
1.10
1.40
1.45
1.30
–25
25
100
125
VSHDN/SS (V)
0
1.2
1.6
2.0
1.6
3471 G08
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
0.4
0.2
0.8
0.6
1.2 1.4
1.8
1
2.0
TA = 25°C
ISUPPLY
1A/DIV
VOUT1
2V/DIV
VOUT2
5V/DIV
CONTROL 1 AND 2
5V/DIV
0.5ms/DIV
3471 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com