Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2055U Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2055U
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2055U Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2055U Datasheet HTML 1Page - Diodes Incorporated DMN2055U Datasheet HTML 2Page - Diodes Incorporated DMN2055U Datasheet HTML 3Page - Diodes Incorporated DMN2055U Datasheet HTML 4Page - Diodes Incorporated DMN2055U Datasheet HTML 5Page - Diodes Incorporated DMN2055U Datasheet HTML 6Page - Diodes Incorporated DMN2055U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2055U
Document number: DS40487 Rev. 3 - 2
2 of 7
www.diodes.com
March 2018
© Diodes Incorporated
DMN2055U
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6)
Steady
State
TA = +25°C
TA = +85°C
ID
4.8
3.8
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
25
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.8
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
162
°C/W
Total Power Dissipation (Note 6)
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
113
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1.0
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.4
—
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
28
38
m
Ω
VGS = 4.5V, ID = 3.6A
32
45
VGS = 2.5V, ID = 3.1A
Diode Forward Voltage
VSD
—
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
400
—
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
55
—
pF
Reverse Transfer Capacitance
Crss
—
37
—
pF
Gate Resistance
RG
—
3.7
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
QG
—
4.3
—
nC
VGS = 4.5V, VDS = 10V,
ID = 6A
Gate-Source Charge
QGS
—
0.3
—
nC
Gate-Drain Charge
QGD
—
4.8
—
nC
Turn-On Delay Time
tD(ON)
—
2.8
—
ns
VDD = 10V, VGS = 5V,
RL = 1.7Ω, RG = 6Ω
Turn-On Rise Time
tR
—
2.7
—
ns
Turn-Off Delay Time
tD(OFF)
—
15.4
—
ns
Turn-Off Fall Time
tF
—
4.4
—
ns
Reverse Recovery Time
tRR
—
6.8
—
ns
IF = 1.0A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
—
1.2
—
nC
IF = 1.0A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com