Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PWR13FPC1T1000 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # PWR13FPC1T1000
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR13FPC1T1000 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  PWR13FPC1T1000 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR13FPC1T1000 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/13
Product Introduction
Features :
 High Power Rating
 Tolerance from ±0.5% ~ ±5%
 Improved Working Voltage Ratings
 Standard Package sizes 0603 ~ 2512
 Excellent Pulse Withstanding Performance
Applications :
 Power Supplies, Diagnostic Equipment
 Industrial Controls, LCD Video Monitors
 Portable Battery Chargers, Medical Devices
 Motor Controls and Line-Powered Equipment
 Metering (Testing/Measurement), Circuit
Protection Devices
As electronic design engineers have increased the power
density of their equipment, the demand for smaller surface
mount single-chip circuit protection resistors has also
increased. Token developed the PWR Series resistors to
provide an economical alternative to bulky molded
wire-wound components or multi-chip solutions while saving
both PC board space and manufacturing costs.
To meet the increased demand for the PWR Series resistors,
Token has developed a series of pulse withstanding chip
resistors with improved power ratings in reduced surface
mounted sizes. Designated the PWR Series, the SMD resistors deliver up to 50 percent higher power
ratings than conventional surface mount resistors - up to 1.5W in a standard 2512 size chip.
Token is able to boost this power rating up to 50 percent through a combination of proprietary power
film materials and advanced manufacturing processes. The PWR Series Resistors are available in four
standard sizes (0603, 0805, 1206, 1210, 2010 and 2512) with power ratings from 0.125W to 1.5W, and
maximum operating voltage ratings for 100V to 500V. Resistance range is from 10 Ω to 20 MΩ, with
tolerance tight to 0.5 percent. The PWR meets restriction of hazardous substances RoHS directive and
RoHS compliance.
Along with the increased power ratings, the PWR Series resistors also feature high surge and high
voltage ratings, making them extremely stable in demanding surge and pulse environments. The PWR
Series chip resistors are specified for use in power supplies, circuit protection devices, portable battery
chargers, motor controls and line-powered equipment.
Token will also produce devices outside these specifications to meet specific customer requirements,
please contact our sales or link to Token official website " Chip Resistors "for more information.
Token (PWR) pulse withstanding chip resistors provide
50 percent increase in power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com