Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PWR13FPCQ2201 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # PWR13FPCQ2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR13FPCQ2201 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button PWR13FPCQ2201 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR13FPCQ2201 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 5/13
Environmental Characteristics
Environmental Characteristics (PWR)
Test Item
Specification
Test Method
Short Time Overload
±0.5%
JIS-C-5201-1 4.13
IEC-60115-1 4.13
RCWV*2.5 or Max Overloading Voltage whichever is lower for 5 seconds
Leaching
Individual leaching area ≥5%
Total leaching area ≥10%
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
-55℃~155℃, 5 cycles
Temperature Coefficient of
Resistance
As Spec.
JIS-C-5201-1 4.8
IEC-60115-1 4.8
+25/-55/+25/+125/+25℃
Load Life
(Endurance)
±(1%+0.05Ω)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
RCWV, 70℃, 1.5 hours ON, 0.5 hours OFF,
total 1000 hours
Humidity (Steady State)
(Damp Heat with Load)
±(0.5%+0.05Ω)
JIS-C-5201-1 4.24
IEC-60115-1 4.24
40±2℃, 90~95%RH, RCWV 1.5 hours ON,
0.5 hours OFF, total 1000 hours
Resistance to Dry Heat
±0.5%
JIS-C-5202-7.2
96 hours @ +155℃ without load
Low Temperature
Operation
±0.5%
JIS-C-5202-7.1
1hour,-65℃ followed by 45 minutes of RCWV
Dry Heat
±(0.5%+0.05Ω)
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
at +155℃ for 1000 hrs. 2010, 2512 sizes: 2mm; Other sizes: 3mm
Bending Strength
±(1%+0.05Ω)
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds. 2010, 2512 sizes: 2mm; Other sizes: 3mm
Resistance to Soldering
Heat
±(0.5%+0.05Ω)
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260±5℃, 10±1seconds
Solderability
95% min coverage
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245℃±5℃ for 3 seconds
Dielectric Withstand
Voltage
(Voltage Proof)
No breakdown or flashover
JIS-C-5201-1 4.7
IEC-60115-1 4.7
1.42 times Max. Operating Voltage for 1 minute
Insulation Resistance
>10GΩ
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Max. Overload Voltage for 1 minute
Power Derating Curve (PWR)
Note: Storage Temperature: 25±3℃; Humidity: <80%RH
Rated continuous Working Voltage (RCWV) =
√�������������������� ������������������������ × ���������������������������������������� �������������������� (����) or Max. Operating voltage
whichever is lower.
Storage Temperature: 15℃~28℃; Humidity < 80%RH;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com