Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEWCA1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCA1007
Description  WR-90 CPR-90G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCA1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCA1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCA1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCA1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Features
• X Band
• 8.2 to 12.4 GHz Frequency Range
• WR-90 Waveguide Interface
• Grooved CPR-90G Flange
• SMA Female RF Interface
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio Systems
• Military and Space
• Communication Systems
.
Description
The PEWCA1007 is a waveguide to coaxial adapter operating in the X Band with a 8.2 to 12.4 GHz frequency range. This
adapter offers a WR-90 waveguide interface size using a Grooved CPR-90G Flange. The PEWCA1007 is constructed of
Copper Alloy and painted to ensure durability. The coaxial connector offered by this adapter uses a SMA Female Nickel Plated
Brass Connector.
Configuration
Waveguide Size
WR-90
Flange
CPR-90G
RF Connector
SMA Female
Impedance
50 Ohms
Body Geometry
Right Angle
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.25:1
.
Mechanical Specifications
Weight
0.292 lbs [132.45 g]
RF Connector
Connector Type
SMA Female
Body Material and Plating
Brass, Nickel
Waveguide Interface
Waveguide Type
WR-90
Flange Type
CPR-90G
Body Material and Plating
Copper Alloy, Paint
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 CPR-90G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating
From 8.2 GHz to 12.4 GHz, X Band PEWCA1007
PEWCA1007
PEWCA1007 REV 1.0
WR-90 CPR-90G Grooved Flange to SMA Female Waveguide
to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Waveguide to Coax Adapters Technical Data Sheet


Similar Part No. - PEWCA1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCA1000 PASTERNACK-PEWCA1000 Datasheet
369Kb / 3P
WR-28 UG-599/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz, Ka Band
PEWCA1001 PASTERNACK-PEWCA1001 Datasheet
368Kb / 3P
WR-34 UG-1530/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 22 GHz to 33 GHz
PEWCA1002 PASTERNACK-PEWCA1002 Datasheet
367Kb / 3P
WR-51 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz, N Band
PEWCA1003 PASTERNACK-PEWCA1003 Datasheet
368Kb / 3P
WR-62 UG-1665/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
PEWCA1004 PASTERNACK-PEWCA1004 Datasheet
375Kb / 4P
WR-75 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, M Band
More results

Similar Description - PEWCA1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B004 PASTERNACK-PE-W90B004 Datasheet
362Kb / 2P
WR-90 Waveguide H-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE9883 PASTERNACK-PE9883 Datasheet
368Kb / 3P
WR-90 UDR100 Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PEWCA1009 PASTERNACK-PEWCA1009 Datasheet
402Kb / 3P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1015 PASTERNACK-PEWCA1015 Datasheet
397Kb / 3P
WR-137 CPR-137G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCP1059 PASTERNACK-PEWCP1059 Datasheet
432Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com