Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12561/BEA Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # 12561/BEA
Description  Crystal Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

12561/BEA Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  12561/BEA Datasheet HTML 1Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 2Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 3Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 4Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 8Page - LANSDALE Semiconductor Inc. 12561/BEA Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12561
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
0°C
+25°C
+75°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
ICC
1
–
–
13
16
19
–
–
mAdc
1
11
16
–
–
–
–
–
–
18
–
13
23
3.0
16
28
4.0
19
–
–
–
–
–
–
Input Current
IinH
14
15
–
–
–
–
–
–
–
–
250
250
–
–
–
–
µAdc
IinL
14
15
–
–
–
–
–
–
–
–
1.0
1.0
–
–
–
–
µAdc
Differential Offset Voltage
∆V
4 to 7
2 to 3
–
–
–
–
40
–200
–
0
325
+200
–
–
–
–
mAdc
Output Voltage Level
Vout
2
3
–
–
–
–
–
–
3.5
3.5
–
–
–
–
–
–
Vdc
Logic ‘1’ Output Voltage
VOH1
(Note 1)
12
13
4.0
4.0
4.16
4.16
4.04
4.04
–
–
4.19
4.19
4.1
4.1
4.28
4.28
Vdc
VOH2
10
2.4
–
2.4
–
–
2.4
–
Logic ‘0’ Output Voltage
VOL1
(Note 1)
12
13
2.98
2.98
3.43
3.43
3.0
3.0
–
–
3.44
3.44
3.02
3.02
3.47
3.47
Vdc
VOL2
10
10
–
–
0.5
0.5
–
–
–
–
0.5
0.5
–
–
0.5
0.5
Logic ‘1’ Threshold Voltage
VOHA
12
13
3.98
3.98
–
–
4.02
4.02
–
–
–
–
4.08
4.08
–
–
Vdc
Logic ‘0’ Threshold Voltage
VOLA
12
13
–
–
3.45
3.45
–
–
–
–
3.46
3.46
–
–
3.49
3.49
Vdc
Output Short Circuit Current
IOS
10
20
60
20
–
60
20
60
mAdc
NOTE: 1. Devices will meet standard MECL logic levels using VEE = –5.2 Vdc and VCC = 0.
www.lansdale.com
Page 2 of 9
Issue 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com