Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTC143TM Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC143TM
Description  NPN Digital Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC143TM Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC143TM Datasheet HTML 1Page - Micro Commercial Components DTC143TM Datasheet HTML 2Page - Micro Commercial Components DTC143TM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DT
C143TM
Features
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation, making
device design easy
Symbol
Parameter
Rating
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
IC
Collector current
100
mA
Pd
Power dissipation
100
mW
Tj
Junction temperature
150
Tstg
Storage temperature
-55
~150
Revision: A
2017/01/21
NPN
Digital Transistors
V
SOT-
723
Suggested Solder
Pad Layout
1.
00
0.
42
0.
30
0.
32
0.
80
www.mccsemi.com
1 of 3
Marking:
03
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
mm
Halogen free available upon request by adding suffix "-HF"
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.
045
.
049
1.15
1.25
C
.0
30
.0
33
0.75
0.85
E
0.031TYP.
0.80TYP.
B
.
045
.
049
1.15
1.25
E
D
.0
11
.0
15
0.27
0.37
F
F
.0
07
.0
11
0.17
0.27
G
.0
17
.0
20
0.43
0.50
H
J
H
.0
03
.0
06
0.08
0.15
J
.0
00
.0
02
0.00
0.05
1
2
3
A
C
B
1.IN
2.GND
3.OUT
G
D
Micro Commercial Components
M C C
R
0.
30
Equivalent circuit
MaximumRatings @TA=25°C,Unless Otherwise noted
VEBO
Emitter-Base Voltage
5
V
Electrical Characteristics @TA=25°C,Unless Otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
50
----
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=
50µAdc, I
E=0)
50
----
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=
50µAdc, I
C=0)
5
Vdc
ICBO
Collector Cutoff Current
(VCB=
50Vdc, I
E=0)
---
---
0.5
µAdc
IEBO
Emitter Cutoff Current
(VEB=
4Vdc, I
C=0)
----
0.5
µAdc
hFE
DC Current Gain
(IC=1
mAdc, V
CE=
5Vdc)
100
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=
5mAdc, I
B=0.2
5mAdc)
----
0.
3
Vdc
ft
Transition frequency
(VCE=
10Vdc, f=100MHz, IE=5mA)
MHz
R1
Input resistor
3.29
6.11
----
----
----
----
---
600
----
-
4.7
250
KΩ


Similar Part No. - DTC143TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143TM ROHM-DTC143TM Datasheet
85Kb / 4P
Digital transistors (built-in resistor)
DTC143TM ROHM-DTC143TM Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Weitron Technology
DTC143TM WEITRON-DTC143TM Datasheet
292Kb / 10P
Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC143TM ROHM-DTC143TM Datasheet
144Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
Digital transistors (built-in resistors)
More results

Similar Description - DTC143TM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
NPN Digital Transistors
DTC114ECA MCC-DTC114ECA_11 Datasheet
221Kb / 3P
NPN Digital Transistors
DTC114YKA MCC-DTC114YKA_1 Datasheet
268Kb / 3P
NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_11 Datasheet
202Kb / 2P
NPN Digital Transistors
DTC143ZE MCC-DTC143ZE Datasheet
228Kb / 3P
NPN Digital Transistors
logo
Cystech Electonics Corp...
DTC114EY3 CYSTEKEC-DTC114EY3 Datasheet
286Kb / 6P
NPN Digital Transistors
DTC124EC3 CYSTEKEC-DTC124EC3 Datasheet
280Kb / 6P
NPN Digital Transistors
DTC143ZC3 CYSTEKEC-DTC143ZC3 Datasheet
283Kb / 6P
NPN Digital Transistors
DTC144TC3 CYSTEKEC-DTC144TC3 Datasheet
279Kb / 6P
NPN Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com