Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEWCT1019 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1019
Description  WR-75 Waveguide 50 dB Crossguide Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1019 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1019 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1019 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1019 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1019 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1019 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1019 is a 50 dB three port, terminated WR-75 crossguide waveguide coupler that operates in the frequency
range of 10 to 15 GHz. The coupler has a typical VSWR of 1.05 These designs are made of Bronze with Brass Square Cover
Flanges. Pasternack offers a complete family of crossguide couplers in both three port (terminated) and four port (untermi-
nated) configurations that are in stock and ship on the same day. Top wall couplers are also available.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 50 dB Nominal Coupling Level
• 10 GHz to 15 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
Coupler
Nominal Coupling Level
50
dB
Directivity
10
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
VSWR
1.02
Input Power (CW)
2.5
Watts
.
Mechanical Specifications
Size
Length
6.5 in [165.1 mm]
Width
2.75 in [69.85 mm]
.
Interface
Waveguide Size
WR-75
Flange Type
Square Cover
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-75 Waveguide 50 dB Crossguide Coupler, 3 Port, Square Cover Flange, 10 GHz to
15 GHz, Bronze PEWCT1019
PEWCT1019 REV 1.0
WR-75 Waveguide 50 dB Crossguide Coupler, 3 Port,
Square Cover Flange, 10 GHz to 15 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1019


Similar Part No. - PEWCT1019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1010 PASTERNACK-PEWCT1010 Datasheet
467Kb / 5P
WR-51 Waveguide 40 dB Crossguide Coupler
PEWCT1011 PASTERNACK-PEWCT1011 Datasheet
467Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler
PEWCT1012 PASTERNACK-PEWCT1012 Datasheet
465Kb / 5P
WR-62 Waveguide 20 dB Crossguide Coupler
PEWCT1013 PASTERNACK-PEWCT1013 Datasheet
399Kb / 5P
WR-62 Waveguide 30 dB Crossguide Coupler
PEWCT1014 PASTERNACK-PEWCT1014 Datasheet
399Kb / 5P
WR-62 Waveguide 40 dB Crossguide Coupler
More results

Similar Description - PEWCT1019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1107 PASTERNACK-PEWCT1107 Datasheet
525Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
PEWCT1011 PASTERNACK-PEWCT1011 Datasheet
467Kb / 5P
WR-51 Waveguide 50 dB Crossguide Coupler
PEWCT1016 PASTERNACK-PEWCT1016 Datasheet
465Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler
PEWCT1017 PASTERNACK-PEWCT1017 Datasheet
474Kb / 5P
WR-75 Waveguide 30 dB Crossguide Coupler
PEWCT1018 PASTERNACK-PEWCT1018 Datasheet
474Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler
PEWCT1023 PASTERNACK-PEWCT1023 Datasheet
469Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler
PEWCT1035 PASTERNACK-PEWCT1035 Datasheet
478Kb / 5P
WR-112 Waveguide 50 dB Crossguide Coupler
PEWCT1039 PASTERNACK-PEWCT1039 Datasheet
469Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
PEWCT1043 PASTERNACK-PEWCT1043 Datasheet
465Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler
PEWCT1047 PASTERNACK-PEWCT1047 Datasheet
538Kb / 5P
WR-34 Waveguide 50 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com