Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP100 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP100
Description  NPN Plastic Medium-Power Silicon Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP100 Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP100 Datasheet HTML 1Page - Micro Commercial Components TIP100 Datasheet HTML 2Page - Micro Commercial Components TIP100 Datasheet HTML 3Page - Micro Commercial Components TIP100 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP100
TIP101
TIP102
NPN Plastic
Medium-Power
Silicon Transistors
Features
•
High DC Current Gain : hFE=2500 (Typ) @ IC=4.0Adc
•
Low Collector-Emitter Saturation Voltage
•
Monolithic Construction with Built-in Base-Emitter Shunt Resistors
•
TO-220 Compact package
Maximum Ratings
Symbol
Parameter
Rating
Unit
VCEO
Collector-Emitter Voltage
TIP100
TIP101
TIP102
60
80
100
V
VCBO
Collector-Base Voltage
TIP100
TIP101
TIP102
60
80
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current-continuous
8.0
A
ICP
Collector Current-peak
15
A
IB
Base Current
1.0
A
PD
Collector Dissipation @TC=25
OC
Derate above 25
OC
80
0.64
W
W/
OC
TJ,
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VCEO(SUS)
Collector-Emitter Sustaining Voltage
(IC=30mAdc, IB=0)
TIP100
TIP101
TIP101
60
80
100
---
---
---
Vdc
ICEO
Collector Cut-off Current
(VCE=30Vdc, IB=0)
TIP100
(VCE=40Vdc, IB=0)
TIP101
(VCE=50Vdc, IB=0)
TIP102
---
---
---
50
50
50
µAdc
ICBO
Collector Cut-off Current
(VCB=60Vdc, IE=0)
TIP100
(VCB=80Vdc, IE=0)
TIP101
(VCB=100Vdc, IE=0)
TIP102
---
---
---
50
50
50
µAdc
IEBO
Emitter Cut-off Current
(VBE=5.0Vdc, IC=0)
---
8.0
mAdc
ON CHARACTERISTICS(1)
hFE(1)
DC Current Gain
(IC=3.0Adc, VCE=4.0Vdc)
(IC=8.0Adc, VCE=4.0Vdc)
1000
200
20000
---
----
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=3.0Adc, IB=6.0mAdc)
(IC=8.0Adc, IB=80mAdc)
---
---
2.0
2.5
Vdc
VBE(ON)
Base-Emitter On Voltage
(IC=8.0Adc,VCE=4.0Adc)
---
2.8
Vdc
hfe
Small-Signal Current Gain
(IC=3.0Adc,VCE=4.0Vdc,f=1.0MHz)
4.0
---
---
Cob
Output Capacitance
(VCB=10V, IE=0, f=0.1MHz)
---
200
pF
(1) Pulse Test: Pulse Width<300us, Duty Cycle<2%
TO-220
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: C
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Mounting Torgue: 5 in-lbs Maximum
•
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - TIP100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results

Similar Description - TIP100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
NPN Plastic Medium-Power Silicon Transistors
TIP100 MCC-TIP100_11 Datasheet
249Kb / 4P
NPN Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
Plastic NPN Silicon Medium-Power Transistors
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N4921G ONSEMI-2N4921G_17 Datasheet
198Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
BD435G ONSEMI-BD435G Datasheet
84Kb / 4P
Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
BD135G ONSEMI-BD135G_13 Datasheet
86Kb / 4P
Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com