Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEWSP1012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWSP1012
Description  WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWSP1012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWSP1012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWSP1012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWSP1012 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PEWSP1012 is a pressurizing section for WR-137 waveguides with CPR-137 Grooved flanges. The pres-
sure section has a pressure gauge to monitor the internal pressure. The pressure gauge will read up to
15 PSI. It also has a pressure inlet valve which is a Schrader 1/8-27 NPTF with protective metal cap.
The PEWSP1012 is part of a family of pressure inlets with pressure gauges. Used with Pasternack’s gasket kits it allows
for waveguide systems to be pressurized with air or other gasses. These are quality built units with VSWR of 1.08:1 or less.
Features
• Pressurizing Waveguide Section
• 0-15 PSI Pressure Gauge
•
5.85 GHz to 8.2 GHz Frequency Range
•
CPR-137 Grooved Flange
•
Waveguide Body made of Bronze with Brass Flanges
•
Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
•
High Power
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
VSWR
1.07:1
.
Mechanical Specifications
Waveguide Size
WR-137
Waveguide Design
Standard
Section Length
4.25 in [107.95 mm]
Description
Flange 1
Waveguide
Flange 2
Flange Type
CPR-137G
CPR-137G
Flange Designation
None
WR-137
None
Material
Bronze
...
Compliance Certifications (see product page for current document)
Notes:
•
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide Pressurizing Section 4.25 Inch Length, CPR-137G Grooved Flange from
5.85 GHz to 8.2 GHz PEWSP1012
PEWSP1012 REV 1.0
PEWSP1012
WR-137 Waveguide Pressurizing Section 4.25 Inch Length,
CPR-137G Grooved Flange from 5.85 GHz to 8.2 GHz


Similar Part No. - PEWSP1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWSP1010 PASTERNACK-PEWSP1010 Datasheet
473Kb / 3P
WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
PEWSP1011 PASTERNACK-PEWSP1011 Datasheet
466Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz
More results

Similar Description - PEWSP1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137SF006-12 PASTERNACK-PE-W137SF006-12 Datasheet
417Kb / 4P
WR-137 Flexible Straight Waveguide Section 12 Inch Length with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF006-36 PASTERNACK-PE-W137SF006-36 Datasheet
418Kb / 4P
WR-137 Flexible Straight Waveguide Section 36 Inch Length with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137SF006-24 PASTERNACK-PE-W137SF006-24 Datasheet
414Kb / 4P
WR-137 Seamless Flexible Waveguide, CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PEWSP1008 PASTERNACK-PEWSP1008 Datasheet
498Kb / 4P
WR-90 Waveguide Pressurizing Section 4.25 Inch Length, CPR-90G Grooved Flange from 8.2 GHz to 12.4 GHz
PEWSP1011 PASTERNACK-PEWSP1011 Datasheet
466Kb / 3P
WR-137 Waveguide Pressurizing Section 4.25 Inch Length, UG-344/U Round Cover Flange from 5.85 GHz to 8.2 GHz
PEWCP1075 PASTERNACK-PEWCP1075 Datasheet
431Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1076 PASTERNACK-PEWCP1076 Datasheet
431Kb / 5P
WR-137 30 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1077 PASTERNACK-PEWCP1077 Datasheet
431Kb / 5P
WR-137 40 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1078 PASTERNACK-PEWCP1078 Datasheet
431Kb / 5P
WR-137 50 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWAD5019 PASTERNACK-PEWAD5019 Datasheet
422Kb / 4P
WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com