Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL9910ASP-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL9910ASP-13
Description  High Current and High Voltage LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910ASP-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL9910ASP-13 Datasheet HTML 1Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 2Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 3Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 4Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 5Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AL9910AEV2 User Guide
High Current and High Voltage LED Driver
AL9910AEV2 Rev1
Page 1 of 6
August 2014
www.diodes.com
General Description 
This  demonstration  board  utilizes  the 
AL9910A  high  voltage  PWM  LED  Buck 
controller providing a cost effective solution 
for offline high brightness LED applications. 
This user‐friendly evaluation board provides 
users  with  quick  connection  to  their 
different 
types 
LEDs 
string. 
The 
demonstration  board  can  be  modified  to 
adjust  the  LED  output  current  (2.5A)  and 
the  number  of  series  connected  LEDs  that 
are driven. 
 
 
Key Features 
 High output current, 2.5A 
 ~ 90% efficiency 
 DC input voltage range up to 80V 
 Low BOM cost 
 PWM Dimmable 
 
Applications  
 Signage and decorative LED lighting 
 High current DC‐DC LED driver 
 High intensity lamps 
 Street lamps 
 
 
 
 
 
 
 
 
 
 
 
 
AL9910A EV2 Specifications 
Parameter
Value 
Input Voltage 
40 to 80VDC 
Output Power 
50 – 60W 
LED Current 
2.5A (Adjustable) 
LED Voltage 
25V 
Efficiency 
~90% 
Number of LEDs  
(2) sets of 8 LEDs in 
parallel (Under 
Tested) 
XY Dimension  
3.00 ” x 3.25”  
ROHS Compliance  
Yes  
 
Evaluation Board 
Figure 1: Top View 
 
 
 
Connection Instructions  
Input Voltage:  40 to 80VDC (DC+, DC‐)  
LED Outputs:  LED+ (Red), LED‐ (Black) 
 
 
 
DC-
DC+
LED+
LED-


Similar Part No. - AL9910ASP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910ASP-13 DIODES-AL9910ASP-13 Datasheet
221Kb / 14P
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Rev 2
AL9910ASP-13 DIODES-AL9910ASP-13 Datasheet
336Kb / 15P
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Rev 3
AL9910ASP-13 DIODES-AL9910ASP-13 Datasheet
556Kb / 16P
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Rev 7
More results

Similar Description - AL9910ASP-13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
High Current and Performance White LED Driver
logo
Richtek Technology Corp...
RT8477A RICHTEK-RT8477A Datasheet
200Kb / 13P
High Voltage High Multiple-Topology Current LED Driver
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
1,021Kb / 75P
PMIC and High-Current LED Driver IC
DLPA3005 TI1-DLPA3005 Datasheet
1Mb / 75P
PMIC and High-Current LED Driver IC
logo
Holtek Semiconductor In...
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
High Current and Performance White LED Driver
June 25, 2016
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
High Voltage High Current LED Driver Controller
logo
Texas Instruments
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
PMIC and High-Current LED Driver
logo
ON Semiconductor
NCP5183 ONSEMI-NCP5183 Datasheet
344Kb / 15P
High Voltage High Current High and Low Side Driver
December, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com