Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYW43903 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYW43903
Description  WICED??IEEE 802.11 a/b/g/n SoC with anEmbedded Applications Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43903 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYW43903 Datasheet HTML 4Page - Cypress Semiconductor CYW43903 Datasheet HTML 5Page - Cypress Semiconductor CYW43903 Datasheet HTML 6Page - Cypress Semiconductor CYW43903 Datasheet HTML 7Page - Cypress Semiconductor CYW43903 Datasheet HTML 8Page - Cypress Semiconductor CYW43903 Datasheet HTML 9Page - Cypress Semiconductor CYW43903 Datasheet HTML 10Page - Cypress Semiconductor CYW43903 Datasheet HTML 11Page - Cypress Semiconductor CYW43903 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Document Number: 002-14826 Rev. *G
Page 8 of 65
PRELIMINARY
CYW43903
2. Power Supplies and Power Management
2.1 Power Supply Topology
One core buck regulator, multiple LDO regulators, and a power management unit (PMU) are integrated into the CYW43903. All
regulators are programmable via the PMU. These blocks simplify power supply design for application and WLAN functions in
embedded designs.
A single VBAT (3.0V to 4.8V DC maximum) and VIO supply (1.8V to 3.3V) can be used, with all additional voltages being provided
by the regulators in the CYW43903.
The REG_ON control signal is used to power up the regulators and take the appropriate sections out of reset. The CBUCK, CLDO,
LNLDO, and other regulators power up when any of the reset signals are deasserted. All regulators are powered down only when
REG_ON is deasserted. The regulators may be turned off/on based on the dynamic demands of the digital baseband.
The CYW43903 provides a low power-consumption mode whereby the CBUCK, CLDO, and LNLDO regulators are shut down. When
in this state, the low-power linear regulator (LPLDO1) supplied by the system VIO supply provides the CYW43903 with all required
voltages.
2.2 CYW43903 Power Management Unit Features
The CYW43903 supports the following Power Management Unit (PMU) features:
VBAT to 1.35Vout (550 mA maximum) core buck (CBUCK) switching regulator
VBAT to 3.3Vout (450 mA maximum) LDO3P3
1.35V to 1.2Vout (350 mA maximum) CLDO with bypass mode for deep-sleep
1.35V to 1.2Vout (55 mA maximum) LDO for BBPLL
Additional internal LDOs (not externally accessible)
PMU internal timer auto-calibration by the crystal clock for precise wake-up timing from the low power-consumption mode.
Figure 3 and Figure 4 show the regulators and a typical power topology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com