Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML145151 Datasheet(PDF) 21 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  PLL Frequency Synthesizer Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 21 Page - LANSDALE Semiconductor Inc.

Back Button ML145151_08 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 22Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 23Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 24Page - LANSDALE Semiconductor Inc. ML145151_08 Datasheet HTML 25Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.lansdale.com
Page 21 of 35
Issue A
ML145158
LANSDALE Semiconductor, Inc.
PIN DESCRIPTIONS
INPUT PINS
fin Frequency Input (Pin 8)
Input frequency from VCO output. A rising edge signal on
this input decrements the ÷ A and ÷ N counters. This input has
an inverter biased in the linear region to allow use with AC
coupled signals as low as 500 mV p–p. For larger amplitude
signals (standard CMOS logic levels), DC coupling may be
used.
CLK, DATA
Shift Clock, Serial Data Inputs (Pins 9, 10)
Each low–to–high transition of the CLK shifts one bit of
data into the on–chip shift registers. The last data bit entered
determines which counter storage latch is activated; a logic 1
selects the reference counter latch and a logic 0 selects the
÷ A, ÷ N counter latch. The data entry format is as follows:
ENB
Latch Enable Input (Pin 11)
A logic high on this pin latches the data from the shift regis-
ter into the reference divider or ÷ N, ÷ A latches depending on
the control bit. The reference divider latches are activated if the
control bit is at a logic high and the ÷ N, ÷ A latches are acti-
vated if the control bit is at a logic low. A logic low on this pin
allows the user to change the data in the shift registers without
affecting the counters. ENB is normally low and is pulsed high
to transfer data to the latches.
OSCin, OSCout
Reference Oscillator Input/Output (Pins 1, 2)
These pins form an on–chip reference oscillator when con-
nected to terminals of an external parallel resonant crystal.
Frequency setting capacitors of appropriate value must be con-
nected from OSCin to ground and OSCout to ground. OSCin
may also serve as the input for an externally–generated refer-
ence signal. This signal is typically AC coupled to OSCin, but
for larger amplitude signals (standard CMOS logic levels) DC
coupling may also be used. In the external reference mode, no
connection is required to OSCout.
FIRST DATA BIT INTO SHIFT REGISTER
÷ R
÷ N
FIRST DATA BIT INTO SHIFT REGISTER
÷ A
14–BIT SHIFT REGISTER
7–BIT
÷ A
COUNTER
φV
ML145158 BLOCK DIAGRAM
φR
REFERENCE COUNTER LATCH
PHASE
DETECTOR
B
PHASE
DETECTOR
A
LOCK
DETECT
LD
PDout
fin
OSCin
OSCout
ENB
14
10
7–BIT S/R
DATA
CLK
10
REFout
÷ A COUNTER
LATCH
14–BIT
÷ RCOUNTER
14
MC
fR
fV
1–BIT
CONTROL
S/R
10–BIT S/R
÷ N COUNTER
LATCH
10–BIT
÷ N
COUNTER
CONTROL LOGIC
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com