Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB39C502 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C502
Description  High Efficiency Step Down DC/DC Controller Datasheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C502 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C502 Datasheet HTML 9Page - Cypress Semiconductor MB39C502 Datasheet HTML 10Page - Cypress Semiconductor MB39C502 Datasheet HTML 11Page - Cypress Semiconductor MB39C502 Datasheet HTML 12Page - Cypress Semiconductor MB39C502 Datasheet HTML 13Page - Cypress Semiconductor MB39C502 Datasheet HTML 14Page - Cypress Semiconductor MB39C502 Datasheet HTML 15Page - Cypress Semiconductor MB39C502 Datasheet HTML 16Page - Cypress Semiconductor MB39C502 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Document Number: 002-08449 Rev *A
Page 13 of 46
MB39C502/503/504
7. Electrical Characteristics
(MB39C502)
VIN = 7.4V, VDD, BST and EN connect to 5V power supply, PGND, LX = 0V. TA = –30°C to +85°C, unless otherwise
noted.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
REFERENCE VOLTAGE
Internal reference voltage
VREF
This voltage is compared to feedback
voltage. Ta = 25°C
0.693
0.700
0.707
V
Ta =
–10°C to 85°C
0.686
-
0.714
V
FB input current
IFB
VFB = 1.0V
–0.1
-
0.1
μA
ENABLE, SLP_N
Enable condition
VEN
Enable voltage range
0.65
-
5.5
V
VDSB
Disable voltage range
0
-
0.25
V
EN input current
IEN
VEN = 5.0V
-
0
0.1
μA
SLP_N enable condition
VSLPDSB
LPM disable voltage range
0.65
-
5.5
V
VSLPEN
LPM enable voltage range
0
-
0.35
V
SLP_N input current
ISLP_N
VSLP_N = 5.0V
-
0
0.1
μA
SUPPLY CURRENT
VDD supply current
IVDDPWM
VDD, VCC input current at PWM
operating. TA = 25°C
-
380
760
μA
IVDDPFM
VDD, VCC input current at idle state in
PFM operation. Static 0A inductor
current. TA = 25°C
-
180
360
μA
IVDDLPM
VDD, VCC input current at idle state in
LPM operation. Static 0A inductor
current. TA = 25°C
-
30
60
μA
VDD shutdown current
IVDDSDN
VDD, VCC input current at VEN = 0V
-
0.1
1.0
μA
VIN supply current
IVIN
VVIN = 25V
-
10
15
μA
VIN shutdown current
IVINSDN
VIN input current at VEN = 0V
-
0.1
1.0
μA
UNDER VOLTAGE LOCKOUT
VCC UVLO threshold
VUVLO
UVLO release voltage
3.99
4.14
4.29
V
VHYS
Hysteresis
0.005
0.070
0.200
V
SOFT START, DISCHARGE
Period of power on reset
tPOR
From enable ON to the switching
initiating.
200
-
1000
μs
Ramp up time
tSS
From the switching initiating after
enable ON to the output voltage
reaches 95%.
598
665
732
μs
Discharge resistance
RDISCHG
VOUT = 0.2V, discharge enable.
50
100
200
Ω
Discharge ends voltage
VDISCHG
VCSN voltage.
0.07
0.10
0.13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com