Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F543G Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB90F543G
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F543G Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB90F543G Datasheet HTML 17Page - Cypress Semiconductor MB90F543G Datasheet HTML 18Page - Cypress Semiconductor MB90F543G Datasheet HTML 19Page - Cypress Semiconductor MB90F543G Datasheet HTML 20Page - Cypress Semiconductor MB90F543G Datasheet HTML 21Page - Cypress Semiconductor MB90F543G Datasheet HTML 22Page - Cypress Semiconductor MB90F543G Datasheet HTML 23Page - Cypress Semiconductor MB90F543G Datasheet HTML 24Page - Cypress Semiconductor MB90F543G Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 21 of 70
MB90540G/545G Series
6. Block Diagram
X0, X1
SOT0
SCK0
SIN0
SOT1
SCK1
SIN1
SOT2
SCK2
SIN2
AVCC
AVSS
AN0 to AN7
AVRH
AVRL
ADTG
X0A, X1A
RST
HST
F2MC 16LX
CPU
IN0 to IN5
IN6/OUT2,
IN7/OUT3
OUT0, OUT1
TIN0, TIN1
AD00 to AD15
A16 to A23
ALE
RD
WRL
WRH
HRQ
HAK
RDY
CLK
INT0 to INT7
TOT0, TOT1
RX0, RX1 *
TX0, TX1 *
PPG0 to PPG3
Clock
Controller
RAM
2 K/4 K/6 K/8 K
ROM/Flash
128 K/256 K/
64K(ROM only)
Prescaler
UART0
UART1
(SCI)
Prescaler
Serial I/O
10-bit A/D
Converter
8 ch.
Prescaler
16-bit
Free-run
Timer
16-bit Input
Capture
8 ch.
16-bit Output
Compare
4 ch.
8/16-bit
PPG
4 ch.
CAN
Controller
16-bit Reload
Timer 2 ch.
External
Bus
Interface
External
Interrupt
8 ch.
* : Only the MB90540G series has two channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com