Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F548GLPF Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB90F548GLPF
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLPF Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB90F548GLPF Datasheet HTML 8Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 9Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 10Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 11Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 12Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 13Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 14Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 15Page - Cypress Semiconductor MB90F548GLPF Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 12 of 70
MB90540G/545G Series
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP*2
QFP*1
46
48
P57
D
General I/O port. This function is enabled when the 16-bit reload timers 0
disables the output.
TOT0
Output pin for the 16-bit reload timers 0. This function is enabled when the
16-bit reload timers 0 enables the output.
51 to 56
53 to 58
P70 to P75
D
General I/O ports. This function is always enabled.
IN0 to IN5
Trigger input pins for input captures ICU0 to ICU5. Set the corresponding
Port Direction Register to input if this
function is used.
57 , 58
59 , 60
P76 , P77
D
General I/O ports. This function is enabled when the OCU disables the
waveform output.
OUT2 , OUT3
Event output pins for output compares OCU2 and OCU3. This function is
enabled when the OCU enables the waveform output.
IN6 , IN7
Trigger input pins for input captures ICU6 and ICU7. Set the corresponding
Port Direction Register to input and disable the OCU waveform output if this
function is used.
59 to 62
61 to 64
P80 to P83
D
General I/O ports. This function is enabled when 8/16-bit PPG disables the
waveform output.
PPG0 to PPG3
Output pins for 8/16-bit PPGs. This function is enabled when 8/16-bit PPG
enables the waveform output.
63 , 64
65 , 66
P84 , P85
D
General I/O ports. This function is enabled when the OCU disables the
waveform output.
OUT0 , OUT1
Waveform output pins for output compares OCU0 and OCU1. This function is
enabled when the OCU enables the waveform output.
65
67
P86
D
General I/O port. This function is always enabled.
TIN1
Input pin for the 16-bit reload timers 1. Set the corresponding Port Direction
Register to input if this function is used.
66
68
P87
D
General I/O port. This function is enabled when the 16-bit reload timers 1
disables the output.
TOT1
Output pin for the 16-bit reload timers 1.This function is enabled when the 16-
bit reload timers 1 enables the output.
67 to 70
69 to 72
P90 to P93
D
General I/O port. This function is always enabled.
INT0 to INT3
External interrupt request input pins for INT0 to INT3. Set the corresponding
Port Direction Register to input if this function is used.
71
73
P94
D
General I/O port. This function is enabled when CAN0 disables the output.
TX0
TX output pin for CAN0. This function is enabled when CAN0 enables the
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com