Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICS Datasheet(PDF) 4 Page - Lumberg

Part # MICS
Description  Micromodul connectors, pitch 1.27 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICS Datasheet(HTML) 4 Page - Lumberg

  MICS_18 Datasheet HTML 1Page - Lumberg MICS_18 Datasheet HTML 2Page - Lumberg MICS_18 Datasheet HTML 3Page - Lumberg MICS_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
30 MICS
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
MICS 04
4
1000
2000
3.81
8.86
7.41
MICS 06
6
1000
2000
6.35
11.40
9.95
MICS 08
8
1000
2000
8.89
13.94
12.49
MICS 10
10
1000
2000
11.43
16.48
15.03
MICS 12
12
500
2000
13.97
19.02
17.57
MICS 14
14
500
2000
16.51
21.56
20.11
MICS 16
16
500
1000
19.05
24.10
22.65
MICS 18
18
500
1000
21.59
26.64
25.19
MICS 20
20
500
1000
24.13
29.18
27.73
MICS 26
26
500
1000
31.75
36.80
35.35
MICS 04 0,8 AU
4
1000
2000
3.81
8.86
7.41
MICS 06 0,8 AU
6
1000
2000
6.35
11.40
9.95
MICS 08 0,8 AU
8
1000
2000
8.89
13.94
12.49
MICS 10 0,8 AU
10
1000
2000
11.43
16.48
15.03
MICS 20 0,8 AU
20
500
1000
24.13
29.18
27.73
Packaging:
in bulk, in a cardboard box
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com