Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICS/SMD080,8AURP Datasheet(PDF) 3 Page - Lumberg

Part # MICS/SMD080,8AURP
Description  Micromodul connectors, pitch 1.27 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICS/SMD080,8AURP Datasheet(HTML) 3 Page - Lumberg

  MICS/SMD080,8AURP Datasheet HTML 1Page - Lumberg MICS/SMD080,8AURP Datasheet HTML 2Page - Lumberg MICS/SMD080,8AURP Datasheet HTML 3Page - Lumberg MICS/SMD080,8AURP Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30 MICS/SMD RP
01/2018
3
*a
press-fit spigot
*b
SMT solder area, contact bearing surface 0.3 x 1.2 mm
*c
pick-and-place top
*d
contact 1
*e
printed circuit board layout, components side view
*f
necessary space for use of pull-off tongs AZ30
*g
component area (B x 7)
*h
recommended thickness of circuit board 1.5 ±0.14 mm
*i
coplanarity
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com