Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH2430 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH2430
Description  Silicon Photodiode with V Characteristic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2430 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH2430 Datasheet HTML 1Page - OSRAM GmbH SFH2430 Datasheet HTML 2Page - OSRAM GmbH SFH2430 Datasheet HTML 3Page - OSRAM GmbH SFH2430 Datasheet HTML 4Page - OSRAM GmbH SFH2430 Datasheet HTML 5Page - OSRAM GmbH SFH2430 Datasheet HTML 6Page - OSRAM GmbH SFH2430 Datasheet HTML 7Page - OSRAM GmbH SFH2430 Datasheet HTML 8Page - OSRAM GmbH SFH2430 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2018-02-23
2
Version 1.3
SFH 2430
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
6
V
Total Power dissipation
P
tot
150
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
Spectral sensitivity
(VR = 5 V, standard light A, T = 2856 K)
(typ )
S
6.3 (≥ 5)
nA/Ix
Photocurrent
(E
v = 1000 lx, Std. Light A, VR = 5 V)
(typ (min))
IP
6.3 (≥ 5)
µA
Wavelength of max. sensitivity
(typ)
λ
S max
570
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 400
... 900
nm
Radiant sensitive area
(typ)
A
7.02
mm
2
Dimensions of radiant sensitive area
(typ)
L x W
2.65 x 2.65
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(V
R = 5 V)
(typ (max)) IR
0.1 (≤ 5)
nA
Spectral sensitivity of the chip
(λ = 550 nm)
(typ)
S
λ typ
0.17
A / W
Short-circuit current
(Ev = 1000 lx, Std. Light A)
(typ)
I
SC
6.1
µA
Rise and fall time
(VR = 5 V, RL = 50 kΩ, λ = 550 nm)
(typ)
tr, tf
200
µs
Forward voltage
(I
F = 100 mA, E = 0)
(typ)
VF
1.2
V
Capacitance
(V
R = 0 V, f = 1 MHz, E = 0)
(typ)
C
0
1000
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com