Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4440 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4440
Description  High Speed, High Voltage High Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 4 Page - Linear Technology

  LTC4440 Datasheet HTML 1Page - Linear Technology LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4440
4440i
Output High Voltage (VOH)
vs Supply Voltage
BOOST – TS SUPPLY VOLTAGE (V)
8
14
11
4440 G04
11
9
910
12
8
7
15
13
12
10
13
14
15
ITG = –100mA
ITG = –1mA
ITG = –10mA
TA = 25°C
Input Thresholds (INP)
vs Supply Voltage
VCC SUPPLY VOLTAGE (V)
7
0.8
1.0
1.2
1.4
1.6
1.8
2.0
911
13
15
4440 G05
VIL
(INPUT LOW THRESHOLD)
VIH
(INPUT HIGH THRESHOLD)
TA = 25°C
VCC Supply Current
at TTL Input Levels
2MHz Operation
VCC SUPPLY VOLTAGE (V)
8
300
320
340
4440 G06
280
260
200
10
12
14
240
220
380
INP = 2V
INP = 0.8V
360
TA = 25°C
INPUT
(INP)
5V/DIV
OUTPUT
(TG)
5V/DIV
VCC = 12V
250ns/DIV
4440 G07
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Current (VCC = 12V)
vs Temperature
TEMPERATURE (
°C)
–60
200
250
300
120
90
4440 G08
150
100
0
–30
30
060
50
INP = 0V
INP = 12V
VCC Undervoltage Lockout
Thresholds vs Temperature
TEMPERATURE (
°C)
–60
6.45
6.40
6.35
6.30
6.25
6.20
6.15
6.10
120
90
4440 G09
6.05
–30
30
060
FALLING THRESHOLD
RISING THRESHOLD
Boost Supply Current
vs Temperature
Boost Supply (BOOST – TS)
Undervoltage Lockout Thresholds
vs Temperature
Input Threshold vs Temperature
TEMPERATURE (
°C)
–60
500
400
450
350
300
250
200
150
100
50
120
90
4440 G10
0
–30
30
060
INP = 0V
INP = 12V
TEMPERATURE (
°C)
–60
7.6
7.5
7.4
7.3
7.2
7.1
7.0
6.9
6.8
120
90
4440 G11
6.7
–30
30
060
FALLING THRESHOLD
RISING THRESHOLD
TEMPERATURE (
°C)
–60
1.6
1.8
2.0
120
90
4440 G12
1.4
1.2
0.8
–30
30
060
1.0
VIH (VCC = 15V)
VIL (VCC = 15V)
VIH (VCC = 8V)
VIL (VCC = 8V)
VIH (VCC = 12V)
VIL (VCC = 12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com