Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSOC4200DS Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # PSOC4200DS
Description  Programmable System-on-Chip (PSoC짰)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4200DS Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button PSOC4200DS Datasheet HTML 10Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 11Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 12Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 13Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 14Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 15Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 16Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 17Page - Cypress Semiconductor PSOC4200DS Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
PSoC® 4: PSoC 4200DS Family
Datasheet
Document Number: 001-98044 Rev. *D
Page 14 of 28
XRES
Analog Peripherals
Comparator
Table 7. XRES DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID77
VIH
Input voltage high threshold
0.7 ×
VDDD
–
–
V
CMOS Input
SID78
VIL
Input voltage low threshold
–
–
0.3 ×
VDDD
V
CMOS Input
SID79
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID80
CIN
Input capacitance
–
3
–
pF
SID81
VHYSXRES
Input voltage hysteresis
–
100
–
mV
Guaranteed by
characterization
SID82
IDIODE
Current through protection diode to
VDDD/VSS
–
–
100
µA
Guaranteed by
characterization
Table 8. XRES AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID83
TRESETWIDTH Reset pulse width
1
–
–
µs
Guaranteed by
characterization
Table 9. Comparator DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID85
VOFFSET2
Input offset voltage, Common Mode
voltage range from 0 to VDD-1
––
±4
mV
SID86
VHYST
Hysteresis when enabled, Common
Mode voltage range from 0 to VDD -1.
–
10
35
mV
Guaranteed by
characterization
SID87
VICM1
Input common mode voltage in normal
mode
0–
VDDD – 0.1
V
Modes 1 and 2.
SID247
VICM2
Input common mode voltage in
low-power mode
0–
VDDD
V
SID88
CMRR
Common mode rejection ratio
50
–
–
dB
VDDD  2.7 V.
Guaranteed by
characterization
SID88A
CMRR
Common mode rejection ratio
42
–
–
dB
VDDD  2.7 V.
Guaranteed by
characterization
SID89
ICMP1
Block current, normal mode
–
–
400
µA
Guaranteed by
characterization
SID248
ICMP2
Block current, low power mode
–
–
100
µA
Guaranteed by
characterization
SID90
ZCMP
DC input impedance of comparator
35
–
–
MΩ
Guaranteed by
characterization
Table 10. Comparator AC Specifications
(Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID91
TRESP1
Response time, normal mode
–
–
110
ns
50-mV overdrive
SID258
TRESP2
Response time, low power mode
–
–
200
ns
50-mV overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com