Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT5520_B1-3 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PLT5520_B1-3
Description  SFH5711
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520_B1-3 Datasheet(HTML) 2 Page - OSRAM GmbH

  PLT5520_B1-3 Datasheet HTML 1Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 2Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 3Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 4Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 5Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 6Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 7Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 8Page - OSRAM GmbH PLT5520_B1-3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
23.05.2017
2
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
Version 0.3
PLT5 520
Ordering Information
Maximum Ratings
Operation outside these conditions may damage the device. Operation at maximum ratings may influence
lifetime.
Type:
Optical Output Power
Ordering Code
Popt (Tcase= 25°C)
PLT5 520_B1-3
50 mW
Q65111A5771
PLT5 520_B1-6
30 mW
Q65111A6145
Parameter
Symbol
Values
Unit
min.
max.
Operating Current
IF
200
mA
Operating Temperature
Tcase
- 20
+ 60
°C
Storage Temperature
Tstg
- 40
+ 85
°C
Reverse Voltage
VR
2V
Soldering Temperature max. 10 sec.
Tsolder
260
°C
Junction temperature
Tj
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com