Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAL1860 Datasheet(PDF) 21 Page - Micronas

Part # HAL1860
Description  Programmable Linear Hall-Effect Sensor in TO92 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1860 Datasheet(HTML) 21 Page - Micronas

Back Button HAL1860 Datasheet HTML 17Page - Micronas HAL1860 Datasheet HTML 18Page - Micronas HAL1860 Datasheet HTML 19Page - Micronas HAL1860 Datasheet HTML 20Page - Micronas HAL1860 Datasheet HTML 21Page - Micronas HAL1860 Datasheet HTML 22Page - Micronas HAL1860 Datasheet HTML 23Page - Micronas HAL1860 Datasheet HTML 24Page - Micronas HAL1860 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DATA SHEET
HAL 1860
TDK-Micronas GmbH
May 4, 2017; DSH000187_001EN
21
CLAMPH Clamp High
3)
3
100
95
90
85
90
95
90
80
%VSUP CLAMP_SP
0
0
0
0
1
1
1
1
CLEVEL
00
01
10
10
00
01
10
11
Output Pin
tr(O)
Response Time of
Output4)
3
68
300
s
With DSDOUBLE=1
(16 kHz sampling rate)
CL = 10 nF, time from
10% to 90% of final out-
put voltage for a mag-
netic input signal
tr(O)
Response Time of
Output4)
3
125
375
s
With DSDOUBLE=0
(8 kHz sampling rate)
CL = 10 nF, time from
10% to 90% of final out-
put voltage for a mag-
netic input signal
tPOD
Power-Up Time
(Time to reach stabi-
lized Output Voltage)

11.5
ms
CL = 10 nF, 90% of VOUT
with DSDOUBLE=1
(16 kHz sampling rate)
tPOD
Power-Up Time
(Time to reach stabi-
lized Output Voltage)

7504)
1000
sC
L = 10 nF, 90% of VOUT
with DSDOUBLE= 0
(8 kHz sampling rate)
VOUTn
Output RMS Noise4)
3
2.6
5
mV
B = 5% to 95% of Bmax
ROUT
Output Resistance
over Recommended
Operating Range3)
3
60

VOUTLmax VOUT 
VOUTHmin
1) Linear regression
2) Linear output range
3) Guaranteed by design
4) Characterized on sample basis
TO92UA Package
Rthja
Rthjc
Thermal Resistance
junction to air
junction to case
250
70
K/W
K/W
Determined with a
1s0p board
Symbol
Parameter
Pin
No.
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com