Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL128G70R Datasheet(PDF) 24 Page - SPANSION

Part # AM29PDL128G70R
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G70R Datasheet(HTML) 24 Page - SPANSION

Back Button AM29PDL128G70R Datasheet HTML 20Page - SPANSION AM29PDL128G70R Datasheet HTML 21Page - SPANSION AM29PDL128G70R Datasheet HTML 22Page - SPANSION AM29PDL128G70R Datasheet HTML 23Page - SPANSION AM29PDL128G70R Datasheet HTML 24Page - SPANSION AM29PDL128G70R Datasheet HTML 25Page - SPANSION AM29PDL128G70R Datasheet HTML 26Page - SPANSION AM29PDL128G70R Datasheet HTML 27Page - SPANSION AM29PDL128G70R Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
July 29, 2002
Am29PDL128G
23
P R E L I M I NARY
SECTOR PROTECTION
The Am29PDL128G features several levels of sector
protection, which can disable both the program and
erase operations in certain sectors or sector groups:
Persistent Sector Protection
A command sector protection method that replaces
the old 12 V controlled protection method.
Password Sector Protection
A highly sophisticated protection method that requires
a password before changes to certain sectors or sec-
tor groups are permitted
WP# Hardware Protection
A write protect pin that can prevent program or erase
operations in sectors 0, 1, 268, and 269.
All parts default to operate in the Persistent Sector
Protection mode. The customer must then choose if
the Persistent or Password Protection method is most
desirable. There are two one-time programmable
non-volatile bits that define which sector protection
method will be used. If the customer decides to con-
tinue using the Persistent Sector Protection method,
they must set the Persistent Sector Protection
Mode Locking Bit. This will permanently set the part
to operate only using Persistent Sector Protection. If
the customer decides to use the password method,
they must set the Password Mode Locking Bit. This
will permanently set the part to operate only using
password sector protection.
It is important to remember that setting either the Per-
sistent Sector Protection Mode Locking Bit or the
Password Mode Locking Bit permanently selects
the protection mode. It is not possible to switch be-
tween the two methods once a locking bit has been
set. It is important that one mode is explicitly se-
lected when the device is first programmed, rather
than relying on the default mode alone. This is so
that it is not possible for a system program or virus to
later set the Password Mode Locking Bit, which would
cause an unexpected shift from the default Persistent
Sector Protection Mode into the Password Protection
Mode.
The WP# Hardware Protection feature is always avail-
able, independent of the software managed protection
method chosen.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at the factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
SGA66
1110
10
X
X
X
X
X
SA239 to SA242
SGA67
1110
11
X
X
X
X
X
SA243 to SA246
SGA68
1111
00
X
X
X
X
X
SA247 to SA250
SGA69
1111
01
X
X
X
X
X
SA251 to SA254
SGA70
1111
10
X
X
X
X
X
SA255 to SA258
SGA71
1111
11
00
X
X
X
SA259 to SA261
01
10
SGA72
1111
11110
00
SA262
SGA73
1111
11110
01
SA263
SGA74
1111
11110
10
SA264
SGA75
1111
11110
11
SA265
SGA76
1111
11111
00
SA266
SGA77
1111
11111
01
SA267
SGA78
1111
11111
10
SA268
SGA79
1111
11111
11
SA269
Table 8.
Sector Block Addresses for Protection/Unprotection (Continued)
Sector
Group
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
Sectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com