Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CCG2 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CCG2 Datasheet HTML 1Page - Cypress Semiconductor CCG2 Datasheet HTML 2Page - Cypress Semiconductor CCG2 Datasheet HTML 3Page - Cypress Semiconductor CCG2 Datasheet HTML 4Page - Cypress Semiconductor CCG2 Datasheet HTML 5Page - Cypress Semiconductor CCG2 Datasheet HTML 6Page - Cypress Semiconductor CCG2 Datasheet HTML 7Page - Cypress Semiconductor CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
EZ-PD™ CCG2 Datasheet
USB Type-C Port Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-93912 Rev. *L
Revised August 2, 2016
USB Type-C Port Controller
General Description
EZ-PD™ CCG2 is a USB Type-C controller that complies with the latest USB Type-C and PD standards. EZ-PD CCG2 provides a
complete USB Type-C and USB Power Delivery port control solution for passive cables, active cables, and powered accessories. It
can also be used in many upstream and downstream facing port applications. EZ-PD CCG2 uses Cypress’s proprietary M0S8
technology with a 32-bit, 48-MHz ARM® Cortex®-M0 processor with 32-KB flash and integrates a complete Type-C Transceiver
including the Type-C termination resistors RP, RD and RA.
Applications
USB Type-C EMCA cables
USB Type-C powered accessories
USB Type-C upstream facing ports
USB Type-C downstream facing ports
Features
32-bit MCU Subsystem
48-MHz ARM Cortex-M0 CPU
32-KB Flash
4-KB SRAM
In-system reprogrammable
Integrated Digital Blocks
Integrated timers and counters to meet response times
required by the USB-PD protocol
Run-time reconfigurable serial communication block (SCB)
with reconfigurable I2C, SPI, or UART functionality
Clocks and Oscillators
Integrated oscillator eliminating the need for external clock
Type-C Support
Integrated transceiver (baseband PHY)
Integrated UFP (RD), EMCA (RA) termination resistors, and
current sources for DFP (RP)
Supports one USB Type-C port
Low-Power Operation
2.7-V to 5.5-V operation
Two independent VCONN rails with integrated isolation
between the two
Independent supply voltage pin for GPIO that allows 1.71-V to
5.5-V signaling on the I/Os
Reset: 1.0 µA, Deep Sleep: 2.5 µA, Sleep: 2.0 mA
System-Level ESD on CC and VCONN Pins
± 8-kV Contact Discharge and ±15-kV Air Gap Discharge based
on IEC61000-4-2 level 4C
Packages
1.63 mm × 2.03 mm, 20-ball wafer-level CSP (WLCSP) with
0.4-mm ball pitch
2.5 mm × 3.5 mm × 0.6 mm 14-pin DFN
4.0 mm × 4.0 mm, 0.55 mm 24-pin QFN
Supports industrial (
40 °C to +85 °C) and extended industrial
(
40 °C to +105 °C) temperature ranges
Logic Block Diagram
Flash
(32 KB)
SRAM
(4 KB)
Serial Wire Debug
CCG2: USB Type-C Cable Controller
CORTEX-M0
48 MHz
Integrated Digital Blocks
I/O Subsystem
MCU Subsystem
CC5
GPIO6
Port
1 Timer, counter, pulse-width modulation block
2 Serial communication block configurable as UART, SPI, or I2C
3 Termination resistor denoting a UFP
4 Termination resistor denoting an EMCA
5 Configuration Channel
6 General-purpose input/output
7 Current Sources to indicate a DFP
Profiles and
Configurations
Baseband MAC
Baseband PHY
SCB2
(I2C, SPI, UART)
Integrated R
d
3, R
a
4,
and R
p
7
VCONN1
VCONN2
VDDIO
TCPWM1
SCB2
(I2C, SPI, UART)


Similar Part No. - CCG2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCG TDK-CCG Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
logo
CUI INC
CCG-1206 CUI-CCG-1206 Datasheet
347Kb / 4P
magnetic buzzer
CCG-1206 CUI-CCG-1206 Datasheet
619Kb / 4P
MAGNETIC BUZZER TRANSDUCER
09/15/2021
logo
CUI Devices
CCG-1206 CUID-CCG-1206 Datasheet
586Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CCG-1206 CUI-CCG-1206_V01 Datasheet
619Kb / 4P
MAGNETIC BUZZER TRANSDUCER
09/15/2021
More results

Similar Description - CCG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com