Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI74FCT863T Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT863T
Description  Fast CMOS Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT863T Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT863T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT863T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT863T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT863T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT863T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT863T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PI74FCT861T/863T/864T
BUS TRANSCEIVERS
6
PS2026A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
PI74FCT864T (inverting) Switching Characteristics over Operating Range
864AT
864BT
864CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
8.0
1.5
6.0
1.5
5.5
ns
tPHL
RN to TN or
RL = 500
Ω
TN to RN
CL = 300 pF(3)
1.5
15.0
1.5
13.0
1.5
11.5
ns
RL = 500
Ω
tPZH
Output Enable Time
CL = 50 pF
1.5
12.0
1.5
8.0
1.5
6.8
ns
tPZL
OET to TN or
RL = 500
Ω
OER to RN
CL = 300 pF(3)
1.5
20.0
1.5
15.0
1.5
13.0
ns
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 50 pF
1.5
9.0
1.5
6.0
1.5
5.0
ns
tPLZ
OET to TN or
RL = 500
Ω
OER to RN
CL = 5 pF(3)
1.5
10.0
1.5
7.0
1.5
6.0
ns
RL = 500
Ω
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com