Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRV6SBAAAXB12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRV6SBAAAXB12
Description  Fully Sealed Potentiometer Cermet or Conductive Plastic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6SBAAAXB12 Datasheet(HTML) 2 Page - Vishay Siliconix

  PRV6SBAAAXB12 Datasheet HTML 1Page - Vishay Siliconix PRV6SBAAAXB12 Datasheet HTML 2Page - Vishay Siliconix PRV6SBAAAXB12 Datasheet HTML 3Page - Vishay Siliconix PRV6SBAAAXB12 Datasheet HTML 4Page - Vishay Siliconix PRV6SBAAAXB12 Datasheet HTML 5Page - Vishay Siliconix PRV6SBAAAXB12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRV6
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
2
Document Number: 51035
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
PRV6S, PRV6B
PRV6A, PRV6C
Resistive element
cermet
conductive plastic
Electrical travel
270° ± 15°
Resistance range
linear taper (A)
20
Ω to 10 MΩ
1 k
Ω to 1 MΩ
non-linear taper (F-L)
470
Ω to 1 MΩ
470
Ω to 500 kΩ (± 20 %)
Taper
Tolerance
standard
± 20 %
± 20 %
on request
± 10 %, ± 5 %
± 10 % (1 k
Ω to 100 kΩ)
Circuit diagram
Power rating at 70 °C
linear
1.5 W at 70 °C
0.75 W at 70 °C
other tapers
0.75 W
0.4 W
Power rating chart
Temperature coefficient (typical)
± 150 ppm/°C
± 500 ppm/°C
Limiting element voltage
350 V
Contact resistance variation (CRV)
2 % or 3
Ω
End resistance (typical)
1
Ω
Dielectric strength (RMS)
1750 VRMS
Insulation resistance (500 VDC)
106 M
Ω
F
A
L
90 %
Vs
Ve %
25°
15°
Electrical travel 270°
Mechanical travel 300°
50 %
20 %
10 %
15°
50°
75°
a
c
b
cw
(2)
(3)
(1)
0
40
125
0.75
0
AMBIENT TEMPERATURE IN DEGREES CELSIUS
70
60
20
100
80
PRV6S, PRV6B linear taper
0.4
1.50
PRV6S, PRV6B non-linear taper
PRV6A, PRV6C linear taper
PRV6A, PRV6C non-linear taper



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com