Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRV6ABAAAXB12 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PRV6ABAAAXB12
Description  Fully Sealed Potentiometer Cermet or Conductive Plastic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6ABAAAXB12 Datasheet(HTML) 5 Page - Vishay Siliconix

  PRV6ABAAAXB12 Datasheet HTML 1Page - Vishay Siliconix PRV6ABAAAXB12 Datasheet HTML 2Page - Vishay Siliconix PRV6ABAAAXB12 Datasheet HTML 3Page - Vishay Siliconix PRV6ABAAAXB12 Datasheet HTML 4Page - Vishay Siliconix PRV6ABAAAXB12 Datasheet HTML 5Page - Vishay Siliconix PRV6ABAAAXB12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRV6
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
5
Document Number: 51035
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Not standard, special manufacturing
LOCATING PEG CODE
BUSHING
OLD CODE
A
L
R
0
A6
x
x
x (1)
B61
x
x
x (1)
C62
x
x
x (1)
D61H
x
x
x (1)
E62H
x
x
x (1)
H6Q
x
I
61Q
x
J6QP
x
K
61QP
x
S
61QH
x
S61QPH
x
ORDERING INFORMATION (part number)
MODEL
STYLE
BUSHING
LOCATING
PEG
SHAFT
LEADS
PACKAGING
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
PRV6
S = standard
A = audio
B = body
length
C = audio
and body
length
ØL
Old
codes
0 = without
A = 45°
L = 30°
R = 180°
round
(see locating
peg table
above)
ØL
Old
codes
X =
PCB
pins
(old
code
W)
Y =
solder
lugs
Depending of
body and shaft
construction:
B12 = box 15 pcs
B15 = box 20 pcs
B17 = box 25 pcs
B25 = box 50 pcs
Resistance:
from
200 = 20
Ω to
106 = 10 M
Ω
for
linear cermet
Tolerance:
standard
M = 20 %
on request
K = 10 % or
J = 5 %
Taper: A, L, F
or
special code
given by
Vishay
A1/4
1/4
6
AA
3
9.5
K
B
1/4
3/8
61
AB
3
12.5
M
C1/4
1/2
62
AJ
3
22
R
D
1/4
3/8
61H
BA
1/8
9.5
CK
E
1/4
1/2
62H
BB
1/8
12.5
CM
H
7
6.5
6Q
BG
1/8
16
CD
I
7
9.5
61Q
BJ
1/8
22
CR
J7
6.5
6QP
EA
4
9.5
E
K
7
9.5
61QP
EB
4
12.5
F
S
7
9.5
61QH
EJ
4
22
G
S
7
9.5
61QPH
AP
custom shaft
all are slotted
PART NUMBER DESCRIPTION (for information only using old codes)
PRV
S
61
W
CD
5K
20 %
A
BO
e3
MODEL BUSHING
LEADS
SPECIAL SHAFT
VALUE TOLERANCE TAPER SPECIAL PACKAGING SPECIAL AP No SPECIAL
LEAD
FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
6B
B
A
G
1
7
B
RV
02
5
P
MA
X
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com