Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTML1206HCF Datasheet(PDF) 1 Page - Central Technologies

Part # CTML1206HCF
Description  Multi-layer Chip Inductors - Ferrite
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTML1206HCF Datasheet(HTML) 1 Page - Central Technologies

  CTML1206HCF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2013 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.10.13
Multi-layer Chip Inductors - Ferrite
www.ctparts.com
CTML1206HCF
Series
From .47µH to 4.7µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
Test
SRF
DCR
IDC
Part
Inductance
Freq.
Min.
±30%
Max.
Number
(µH)
(MHz)
(MHz)
(
Ω)
(mA)
CTML1206HCF-R47M
0.47
1MHz
100
0.14
1500
CTML1206HCF-R68M
0.68
1MHz
90
0.15
1500
CTML1206HCF-R82M
0.82
1MHz
80
0.16
1500
CTML1206HCF-1R0M
1.0
1MHz
60
0.16
1400
CTML1206HCF-1R2M
1.2
1MHz
60
0.16
1400
CTML1206HCF-1R5M
1.5
1MHz
50
0.20
1200
CTML1206HCF-1R8M
1.8
1MHz
50
0.20
1200
CTML1206HCF-2R2M
2.2
1MHz
40
0.22
1200
CTML1206HCF-3R3M
3.3
1MHz
30
0.24
1100
CTML1206HCF-4R7M
4.7
1MHz
20
0.30
1100
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Ferrite core, multi-layer chip inductor. Magnetic
shielded.
Applications: LC resonant circuits such as oscillator and signal
generators, RF filters, disk drives, audio and video equipment, TV,
radio and telecomunication equipment.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: M = ±20%
Testing: Inductance and Q are tested on an HP4287A at 1MHz,
250mV.
Packaging: Tape & Reel.
Marking: Reels marked with inductance code and tolerance.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
3.2±0.2
1.60±0.2
1.1±0.2
0.5±0.3
0.126±0.008
0.062±0.008
0.043±0.008
0.020±0.012
Size
mm
inches
CTML1206HCF-1R0M
1.0
1MHz
60
0.16
1400
CTML1206HCF-1R2M
1.2
1MHz
60
0.16
1400
CTML1206HCF-1R5M
1.5
1MHz
50
0.20
1200
CTML1206HCF-1R8M
1.8
1MHz
50
0.20
1200
CTML1206HCF-2R2M
2.2
1MHz
40
0.22
1200
CTML1206HCF-3R3M
3.3
1MHz
30
0.24
1100
CTML1206HCF-4R7M
4.7
1MHz
20
0.30
1100


Similar Part No. - CTML1206HCF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML1206 CT-CTML1206 Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206-100K CT-CTML1206-100K Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206-100M CT-CTML1206-100M Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206-120K CT-CTML1206-120K Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206-120M CT-CTML1206-120M Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results

Similar Description - CTML1206HCF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206 CT-CTML1206 Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com