| Electronic Components Datasheet Search |
|
CYUSB3035-BZXC Datasheet(PDF) 38 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB3035-BZXC Datasheet(HTML) 38 Page - Cypress Semiconductor |
|
38 / 54 page ![]() CYUSB303X Document Number: 001-84160 Rev. *G Page 38 of 54 Figure 26. Asynchronous Slave FIFO Read Mode Asynchronous Slave FIFO Write Sequence Description ■ FIFO address is driven and SLCS# is asserted ■ SLWR# is asserted. SLCS# must be asserted with SLWR# or before SLWR# is asserted ■ Data must be present on the tWRS bus before the deasserting edge of SLWR# ■ Deassertion of SLWR# causes the data to be written from the data bus to the FIFO, and then the FIFO pointer is incremented ■ The FIFO flag is updated after the tWFLG from the deasserting edge of SLWR. The same sequence of events is shown for a burst write. Note that in the burst write mode, after SLWR# deassertion, the data is written to the FIFO, and then the FIFO pointer is incre- mented. Short Packet : A short packet can be committed to the USB host by using the PKTEND#. The external device or processor should be designed to assert the PKTEND# along with the last word of data and SLWR# pulse corresponding to the last word. The FIFOADDR lines must be held constant during the PKTEND# assertion. Zero-Length Packet : The external device or processor can signal a zero-length packet (ZLP) to FX3S simply by asserting PKTEND#, without asserting SLWR#. SLCS# and the address must be driven as shown in Figure 27 on page 39. FLAG Usage : The FLAG signals are monitored by the external processor for flow control. FLAG signals are FX3S outputs that can be configured to show empty, full, and partial status for a dedicated address or the current address. FIFO ADDR tAS SLCS SLRD tRDl SLOE FLAGA dedicated thread Flag for An (1=Not empty 0 = Empty) tOE Data Out High-Z tAH DN(An) tRDO tOE tRDO tOH tOH tRDh tRDO tLZ DN(An) DN(Am) DN+1(Am) DN+2(Am) SLWR (HIGH) An Am FLAGB dedicated thread Flag for Am (1=Not empty 0 = Empty) tRFLG tFLG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |