Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYUSB306X Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 28Page - Cypress Semiconductor CYUSB306X Datasheet HTML 29Page - Cypress Semiconductor CYUSB306X Datasheet HTML 30Page - Cypress Semiconductor CYUSB306X Datasheet HTML 31Page - Cypress Semiconductor CYUSB306X Datasheet HTML 32Page - Cypress Semiconductor CYUSB306X Datasheet HTML 33Page - Cypress Semiconductor CYUSB306X Datasheet HTML 34Page - Cypress Semiconductor CYUSB306X Datasheet HTML 35Page - Cypress Semiconductor CYUSB306X Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 32 of 37
4. Invalid PID Sequence in USB 2.0 ISOC data transfer.
■ Problem Definition
When the CX3 device is functioning as a high speed USB device with high bandwidth isochronous endpoints, the PID sequence
of the ISO data packets is governed solely by the isomult setting. The length of the data packet is not considered while generating
the PID sequence during each microframe. For example, even if a short packet is being sent on an endpoint with MULT set to 2;
the PID used will be DATA2.
■ Parameters Affected
N/A
■ Trigger Conditions
This condition is triggered when high bandwidth ISOC transfer endpoints are used.
■ Scope of Impact
ISOC data transfers failure.
■ Workaround
This problem can be worked around by reconfiguring the endpoint with a lower isomult setting prior to sending short packets, and
then switching back to the original value.
■ Fix Status
No fix. Workaround is required.
5. USB data transfer errors are seen when ZLP is followed by data packet within same microframe.
■ Problem Definition
Some data transfer errors may be seen if a Zero Length Packet is followed very quickly (within one microframe or 125 µs) by
another data packet on a burst enabled USB IN endpoint operating at super speed.
■ Parameters Affected
N/A
■ Trigger Conditions
This condition is triggered in SuperSpeed transfer with ZLPs.
■ Scope of Impact
Data failure and lower data speed.
■ Workaround
The solution is to ensure that some time is allowed to elapse between a ZLP and the next data packet on burst enabled USB IN
endpoints. If this cannot be ensured at the data source, the CyU3PDmaChannelSetSuspend() API can be used to suspend the
corresponding USB DMA socket on seeing the EOP condition. The channel operation can then be resumed as soon as the suspend
callback is received.
■ Fix Status
No fix. Workaround is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com