Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYUSB3033-BZXC Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB3033-BZXC
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3033-BZXC Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB3033-BZXC Datasheet HTML 17Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 18Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 19Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 20Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 21Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 22Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 23Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 24Page - Cypress Semiconductor CYUSB3033-BZXC Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
CYUSB303X
Document Number: 001-84160 Rev. *G
Page 21 of 54
FX3S Pin Description
Pin
Power
Domain
I/O
Name
Power
E10
PWR
VBATT
B10
PWR
VDD
A1
PWR
U3VSSQ
E11
PWR
VBUS
D8
PWR
VSS
H11
PWR
VIO1
E2
PWR
VSS
L9
PWR
VIO1
G1
PWR
VSS
F1
PWR
VIO2
G11
PWR
VSS
E3
PWR
VIO3
L1
PWR
VSS
B1
PWR
VIO4
L6
PWR
VSS
B6
PWR
CVDDQ
B5
PWR U3TXVDDQ
A2
PWR U3RXVDDQ
C11
PWR
VIO5
L11
PWR
VSS
A7
PWR
AVDD
B7
PWR
AVSS
C3
PWR
VDD
B8
PWR
VSS
E9
PWR
VDD
B9
PWR
VSS
F11
PWR
VDD
H1
PWR
VDD
L7
PWR
VDD
J11
PWR
VDD
L5
PWR
VDD
K4
PWR
VSS
L3
PWR
VSS
K3
PWR
VSS
L2
PWR
VSS
A8
PWR
VSS
Precision Resistors
C8
VBUS/
VBATT
I/O
R_usb2
Precision resistor for USB 2.0 (Connect a 6.04 kΩ ±1% resistor between this pin and GND)
B3
U3TX
VDDQ
I/O
R_usb3
Precision resistor for USB 3.0 (Connect a 200 Ω ±1% resistor between this pin and GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com