Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC14155NBA/EM Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC14155NBA/EM
Description  14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155NBA/EM Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC14155NBA/EM Datasheet HTML 15Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 16Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 17Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 18Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 19Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 20Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 21Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 22Page - Texas Instruments ADC14155NBA/EM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
ADC14155QML-SP
www.ti.com
SNAS378J – NOVEMBER 2008 – REVISED MARCH 2018
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 20. Expected Input Signal Range
For single frequency sine waves the full scale error in LSB can be described as approximately
EFS = 16384 ( 1 – sin (90° + dev))
(2)
Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship
to each other (see Figure 21). For single frequency inputs, angular errors result in a reduction of the effective full
scale input. For complex waveforms, however, angular errors will result in distortion.
Figure 21. Angular Errors Between The Two Input Signals Will Reduce The Output Level Or Cause
Distortion
It is recommended to drive the analog inputs with a source impedance less than 100
Ω. Matching the source
impedance for the differential inputs will improve even ordered harmonic performance (particularly second
harmonic).
Table 2 indicates the input to output relationship of the ADC14155.
Table 2. Input To Output Relationship
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF / 2
VCM + VREF / 2
00 0000 0000 0000
10 0000 0000 0000
Negative Full-Scale
VCM − VREF / 4
VCM + VREF / 4
01 0000 0000 0000
11 0000 0000 0000
VCM
VCM
10 0000 0000 0000
00 0000 0000 0000
Mid-Scale
VCM + VREF / 4
VCM − VREF / 4
11 0000 0000 0000
01 0000 0000 0000
VCM + VREF / 2
VCM − VREF / 2
11 1111 1111 1111
01 1111 1111 1111
Positive Full-Scale
7.3.1.2 Driving The Analog Inputs
The VIN+ and the VIN− inputs of the ADC14155 have an internal sample-and-hold circuit which consists of an
analog switch followed by a switched-capacitor amplifier. The analog inputs are connected to the sampling
capacitors through NMOS switches, and each analog input has parasitic capacitances associated with it.
When the clock is high, the converter is in the sample phase. The analog inputs are connected to the sampling
capacitor through the NMOS switches, which causes the capacitance at the analog input pins to appear as the
pin capacitance plus the internal sample and hold circuit capacitance (approximately 9 pF). While the clock level
remains high, the sampling capacitor will track the changing analog input voltage. When the clock transitions
from high to low, the converter enters the hold phase, during which the analog inputs are disconnected from the
sampling capacitor. The last voltage that appeared at the analog input before the clock transition will be held on
the sampling capacitor and will be sent to the ADC core. The capacitance seen at the analog input during the
hold phase appears as the sum of the pin capacitance and the parasitic capacitances associated with the sample
and hold circuit of each analog input (approximately 6 pF). Once the clock signal transitions from low to high, the
analog inputs will be reconnected to the sampling capacitor to capture the next sample. Usually, there will be a
difference between the held voltage on the sampling capacitor and the new voltage at the analog input. This will
cause a charging glitch that is proportional to the voltage difference between the two samples to appear at the
analog input pin. The input circuitry must be fast enough to allow the sampling capacitor to fully charge before
the clock signal goes high again, as incomplete settling can degrade the SFDR performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com