Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9A150RB Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB9A150RB
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9A150RB Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB9A150RB Datasheet HTML 46Page - Cypress Semiconductor MB9A150RB Datasheet HTML 47Page - Cypress Semiconductor MB9A150RB Datasheet HTML 48Page - Cypress Semiconductor MB9A150RB Datasheet HTML 49Page - Cypress Semiconductor MB9A150RB Datasheet HTML 50Page - Cypress Semiconductor MB9A150RB Datasheet HTML 51Page - Cypress Semiconductor MB9A150RB Datasheet HTML 52Page - Cypress Semiconductor MB9A150RB Datasheet HTML 53Page - Cypress Semiconductor MB9A150RB Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 147 page
background image
Document Number: 002-05646 Rev.*C
Page 50 of 147
MB9A150RB Series
Pin Function
Pin
Name
Function Description
Pin No
LQFP-120
LQFP-100
BGA-112
LQFP-80
BGA-96
Multi- function
Serial 6
SIN6_0
Multi-function serial
interface ch.6 input pin
5
5
D1
5
D1
SIN6_1
17
12
E4
12
G2
SOT6_0
(SDA6_0)
Multi-function serial
interface ch.6 output pin.
This pin operates as SOT6
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as
SDA6 when it is used in an
I2C (operation mode 4).
6
6
D2
6
D2
SOT6_1
(SDA6_1)
16
11
E3
11
G1
SCK6_0
(SCL6_0)
Multi-function serial
interface ch.6 clock I/O pin.
This pin operates as SCK6
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as
SCL6 when it is used in an
I2C (operation mode 4).
7
7
D3
7
D3
SCK6_1
(SCL6_1)
15
10
E2
10
E3
Multi- function
Serial 7
SIN7_0
Multi-function serial
interface ch.7 input pin
11
-
-
-
-
SIN7_1
50
45
K8
35
K8
SOT7_0
(SDA7_0)
Multi-function serial
interface ch.7 output pin.
This pin operates as SOT7
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as
SDA7 when it is used in an
I2C (operation mode 4).
12
-
-
-
-
SOT7_1
(SDA7_1)
49
44
J7
34
J7
SCK7_0
(SCL7_0)
Multi-function serial
interface ch.7 clock I/O pin.
This pin operates as SCK7
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as
SCL7 when it is used in an
I2C (operation mode 4).
13
-
-
-
-
SCK7_1
(SCL7_1)
48
43
H6
33
K7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com