Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AB40NB Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9AB40NB
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9AB40NB Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9AB40NB Datasheet HTML 35Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 36Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 37Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 38Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 39Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 40Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 41Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 42Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Document Number: 002-05631 Rev *B
Page 39 of 128
MB9AB40NB Series
Pin
Function
Pin
Name
Function Description
Pin No
LQFP-100
QFP-100
BGA-112
LQFP-80
BGA-96
LQFP/
QFN-64
Reset
INITX
External Reset Input pin.
A reset is valid when
INITX=L.
38
16
K4
28
K4
21
Mode
MD0
Mode 0 pin.
During normal operation,
MD0=L must be input.
During serial
programming to Flash
memory, MD0=H must be
input.
47
25
L8
37
L8
29
MD1
Mode 1 pin.
During serial
programming to Flash
memory, MD1=L must be
input.
46
24
K9
36
K9
28
Power
VCC
Power supply Pin
1
79
B1
1
B1
1
26
4
J1
-
-
-
35
13
K1
25
K1
18
51
29
K11
41
K11
33
76
54
A10
-
-
-
97
75
A4
77
A4
61
GND
VSS
GND Pin
-
-
-
-
F1
-
-
-
-
-
F2
-
-
-
-
-
F3
-
-
-
B2
-
B2
-
25
3
L1
20
L1
16
-
-
K2
-
K2
-
-
-
J3
-
J3
-
-
-
H4
-
-
-
-
-
-
-
L6
-
34
12
L4
24
L4
-
50
28
L11
40
L11
32
-
-
K10
-
K10
-
-
-
J9
-
J9
-
-
-
H8
-
-
-
-
-
B10
-
B10
-
-
-
C9
-
C9
-
-
-
-
-
D11
-
75
53
A11
-
A11
-
-
-
D8
-
-
-
-
-
-
-
A7
-
-
-
D4
-
-
-
-
-
C3
-
C3
-
-
-
-
-
A5
-
100
78
A1
80
A1
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com