Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9B110T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB9B110T
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B110T Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB9B110T Datasheet HTML 1Page - Cypress Semiconductor MB9B110T Datasheet HTML 2Page - Cypress Semiconductor MB9B110T Datasheet HTML 3Page - Cypress Semiconductor MB9B110T Datasheet HTML 4Page - Cypress Semiconductor MB9B110T Datasheet HTML 5Page - Cypress Semiconductor MB9B110T Datasheet HTML 6Page - Cypress Semiconductor MB9B110T Datasheet HTML 7Page - Cypress Semiconductor MB9B110T Datasheet HTML 8Page - Cypress Semiconductor MB9B110T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 133 page
background image
32-bit ARM
® Cortex®-M3
FM3 Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose, CA 95134-1709
•
408-943-2600
Document Number: 002-04683 Rev.*C
Revised July 11, 2017
MB9B110T Series
The MB9B110T Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers with high-performance and competitive
cost.
These series are based on the ARM Cortex-M3 Processor with on-chip Flash memory and SRAM, and have peripheral functions such as Motor
Control Timers, ADCs and Communication Interfaces (UART, CSIO, I
2C, LIN).
The products which are described in this data sheet are placed into TYPE2 product categories in "FM3 Family PERIPHERAL MANUAL".
Features
32-bit ARM Cortex-M3 Core
 Processor version: r2p1
 Up to 144 MHz Frequency Operation
 Memory Protection Unit (MPU): improves the reliability of
an embedded system
 Integrated Nested Vectored Interrupt Controller (NVIC): 1
NMI (non-maskable interrupt) and 48 peripheral interrupts
and 16 priority levels
 24-bit System timer (Sys Tick): System timer for OS task
management
On-chip Memories
[Flash memory]
 Up to 1 Mbyte
 Built-in Flash memory Accelerator System with 16 Kbyte
trace buffer memory
The read access to Flash memory can be achieved without
wait cycle up to the operation frequency of 72MHz. Even at
the operation frequency more than 72 MHz, an equivalent
access to Flash memory can be obtained by Flash memory
Accelerator System.
 Security function for code protection
[SRAM]
This Series on-chip SRAM is composed of two independent
SRAMs (SRAM0, SRAM1) . SRAM0 is connected to I-code
bus and D-code bus of Cortex-M3 core. SRAM1 is connected
to System bus.
 SRAM0: Up to 64 Kbytes.
 SRAM1: Up to 64 Kbytes.
External Bus Interface
 Supports SRAM, NOR and NAND Flash memory devices
 Up to 8 chips selected
 8-/16-bit Data width
 Up to 25-bit Address bit
 Maximum area size: Up to 256 Mbytes
 Supports Address/Data multiplex
 Supports external RDY function
Multi-function Serial Interface (Max 8 channels)
 4 channels with 16steps×9-bit FIFO (ch.4 to ch.7), 4
channels without FIFO (ch.0 to ch.3)
 Operation mode is selectable from the followings for each
channel.
UART
CSIO
LIN
I
2C
[UART]
 Full-duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Hardware Flow control: Automatically controls the
transmission/reception with CTS/RTS (only for ch.4)
 Various error detection functions available (parity errors,
framing errors, and overrun errors)
[CSIO]
 Full-duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detection function available
[LIN]
 LIN protocol Rev.2.1 supported
 Full-duplex double buffer
 Master/Slave mode supported
 LIN break field generation (can be changed to 13-bit length
to 16-bit)
 LIN break delimiter generation (can be changed to 1-bit
length to 4-bit)
 Various error detection functions available (parity errors,
framing errors, and overrun errors)
[I
2C]
Standard-mode (Max 100 kbps) / Fast-mode (Max 400 kbps)
supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com