Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C0805C474K8RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C474K8RACTU
Description  SMD Comm X7R, Ceramic, 0.47 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C474K8RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C474K8RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/21/2017 - d0512a9b-dc4a-4d76-a74d-695de3b79815
KEMET Part Number: C0805C474K8RACTU
(C0805C474K8RAC7800)
SMD Comm X7R, Ceramic, 0.47 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.25mm +/-0.15mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: SMD Comm X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 0805
Specifications
Capacitance: 0.47 uF
Capacitance Tolerance: 10%
Voltage DC: 10 VDC
Dielectric Withstanding
Voltage: 25 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 213 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C474K8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C474K3NACAUTO KEMET-C0805C474K3NACAUTO Datasheet
61Kb / 1P
SMD Auto X8L HT150C, Ceramic, 0.47 uF, 10%, 25 VDC, X8L, SMD, MLCC, High Temperature, Temperature Stable, Automotive Grade, 0805
C0805C474K3NACTU KEMET-C0805C474K3NACTU Datasheet
72Kb / 1P
SMD Comm X8L HT150C, Ceramic, 0.47 uF, 10%, 25 V, X8L, SMD, MLCC, High Temperature, Temperature Stable, 0805
C0805C474K3PACTU KEMET-C0805C474K3PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 25 V, 0805, X5R, SMD, MLCC, Temperature Stable, Class II
C0805C474K3RAC KEMET-C0805C474K3RAC Datasheet
125Kb / 4P
Ceramic Capacitor
C0805C474K3RACAUTO KEMET-C0805C474K3RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.47 uF, 10%, 25 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C0805C474K8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C474K1RACTU KEMET-C1812C474K1RACTU Datasheet
72Kb / 1P
SMD Comm X7R, Ceramic, 0.47 uF, 10%, 100 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1812
C0805C684K8RACTU KEMET-C0805C684K8RACTU Datasheet
72Kb / 1P
SMD Comm X7R, Ceramic, 0.68 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C104J8RACTU KEMET-C0805C104J8RACTU Datasheet
72Kb / 1P
SMD Comm X7R, Ceramic, 0.1 uF, 5%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C106K8RAC7210 KEMET-C0805C106K8RAC7210 Datasheet
71Kb / 1P
SMD Comm X7R, Ceramic, 10 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C103K8RACTU KEMET-C0805C103K8RACTU Datasheet
71Kb / 1P
SMD Comm X7R, Ceramic, 0.01 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C2220C474K5RACTU KEMET-C2220C474K5RACTU Datasheet
71Kb / 1P
Ceramic, SMD Comm X7R, 0.47 uF, 10%, 50 V, 2220, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C125K8RACTU KEMET-C0805C125K8RACTU Datasheet
60Kb / 1P
SMD Comm X7R, Ceramic, 1.2 uF, 10%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C224K8RACTU KEMET-C0805C224K8RACTU Datasheet
60Kb / 1P
SMD Comm X7R, Ceramic, 0.22 uF, 10%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C474J8RACTU KEMET-C0805C474J8RACTU Datasheet
62Kb / 1P
SMD Comm X7R, Ceramic, 0.47 uF, 5%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C105K8RAC7210 KEMET-C0805C105K8RAC7210 Datasheet
63Kb / 1P
SMD Comm X7R, Ceramic, 1 uF, 10%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com