Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9B510T Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B510T
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B510T Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B510T Datasheet HTML 35Page - Cypress Semiconductor MB9B510T Datasheet HTML 36Page - Cypress Semiconductor MB9B510T Datasheet HTML 37Page - Cypress Semiconductor MB9B510T Datasheet HTML 38Page - Cypress Semiconductor MB9B510T Datasheet HTML 39Page - Cypress Semiconductor MB9B510T Datasheet HTML 40Page - Cypress Semiconductor MB9B510T Datasheet HTML 41Page - Cypress Semiconductor MB9B510T Datasheet HTML 42Page - Cypress Semiconductor MB9B510T Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Document Number: 002-05602 Rev. *C
Page 38 of 125
MB9B510T Series
Module
Pin name
Function
Pin No.
LQFP-176
LQFP-144
BGA-192
Multi Function
Serial
0
SIN0_0
Multifunction serial interface ch.0 input pin
126
102
D12
SIN0_1
94
78
L11
SIN0_2
114
-
G12
SOT0_0
(SDA0_0)
Multifunction serial interface ch.0 output pin.
This pin operates as SOT0 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SDA0 when it is used in an I
2C (operation mode 4).
125
101
E13
SOT0_1
(SDA0_1)
95
79
K13
SOT0_2
(SDA0_2)
115
-
G11
SCK0_0
(SCL0_0)
Multifunction serial interface ch.0 clock I/O pin.
This pin operates as SCK0 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL0 when it is used in an I
2C (operation mode 4).
124
100
E12
SCK0_1
(SCL0_1)
96
80
K12
SCK0_2
(SCL0_2)
116
-
G10
Multi Function
Serial
1
SIN1_0
Multifunction serial interface ch.1 input pin
19
19
F6
SIN1_1
91
75
M12
SIN1_2
81
-
M10
SOT1_0
(SDA1_0)
Multifunction serial interface ch.1 output pin.
This pin operates as SOT1 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SDA1 when it is used in an I
2C (operation mode 4).
20
20
G2
SOT1_1
(SDA1_1)
92
76
L13
SOT1_2
(SDA1_2)
82
-
N11
SCK1_0
(SCL1_0)
Multifunction serial interface ch.1 clock I/O pin.
This pin operates as SCK1 when it is used in a
UART/CSIO (operation modes 0 to 2) and as
SCL1 when it is used in an I
2C (operation mode 4).
21
21
G3
SCK1_1
(SCL1_1)
93
77
L12
SCK1_2
(SCL1_2)
83
-
M11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com