Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F467BA Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB91F467BA
Description  32-bit Microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467BA Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB91F467BA Datasheet HTML 26Page - Cypress Semiconductor MB91F467BA Datasheet HTML 27Page - Cypress Semiconductor MB91F467BA Datasheet HTML 28Page - Cypress Semiconductor MB91F467BA Datasheet HTML 29Page - Cypress Semiconductor MB91F467BA Datasheet HTML 30Page - Cypress Semiconductor MB91F467BA Datasheet HTML 31Page - Cypress Semiconductor MB91F467BA Datasheet HTML 32Page - Cypress Semiconductor MB91F467BA Datasheet HTML 33Page - Cypress Semiconductor MB91F467BA Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
MB91460B Series
Document Number: 002-04608 Rev. *A
Page 29 of 126
6. Notes on Debugger
6.1
Execution of the RETI Command
If single-step execution is used in an environment where an interrupt occurs frequently, the corresponding interrupt handling routine
will be executed repeatedly to the exclusion of other processing. This will prevent the main routine and the handlers for low priority
level interrupts from being executed (For example, if the time-base timer interrupt is enabled, stepping over the RETI instruction will
always break on the first line of the time-base timer interrupt handler).
Disable the corresponding interrupts when the corresponding interrupt handling routine no longer needs debugging.
6.2
Break Function
If the range of addresses that cause a hardware break (including event breaks) is set to the address of the current system stack
pointer or to an area that contains the stack pointer, execution will break after each instruction regardless of whether the user
program actually contains data access instructions.
To prevent this, do not set (word) access to the area containing the address of the system stack pointer as the target of the hardware
break (including an event breaks).
6.3
Operand Break
It may cause malfunctions if a stack pointer exists in the area which is set as the DSU operand break. Do not set the access to the
areas containing the address of system stack pointer as a target of data event break.
6.4
Notes on PS Register
As the PS register is processed in advance by some instructions, when the debugger is being used, the exception handling may
result in execution breaking in an interrupt handling routine or the displayed values of the flags in the PS register being updated.
As the microcontroller is designed to carry out reprocessing correctly upon returning from such an EIT event,the operation before
and after the EIT always proceeds according to specification.
■ The following behavior may occur if any of the following occurs in the instruction immediately after a DIV0U/DIV0S
instruction:
(a) a user interrupt or NMI is accepted;
(b) single-step execution is performed;
(c) execution breaks due to a data event or from the emulator menu.
1. D0 and D1 flags are updated in advance.
2. An EIT handling routine (user interrupt/NMI or emulator) is executed.
3. Upon returning from the EIT, the DIV0U/DIV0S instruction is executed and the D0 and D1 flags are updated to the same
values as those in 1.
■ The following behavior occurs when an ORCCR, STILM, MOV Ri,PS instruction is executed to enable a user interrupt
or NMI source while that interrupt is in the active state.
1. The PS register is updated in advance.
2. An EIT handling routine (user interrupt/NMI or emulator) is executed.
3. Upon returning from the EIT, the above instructions are executed and the PS register is updated to the same value as in 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com