Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90346CESPMC Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB90346CESPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90346CESPMC Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB90346CESPMC Datasheet HTML 20Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 21Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 22Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 23Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 24Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 25Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 26Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 27Page - Cypress Semiconductor MB90346CESPMC Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 23 of 92
MB90340E Series
5. Handling Devices
1.Preventing latch-up
CMOS IC may suffer latch-up under the following conditions:
A voltage higher than VCC or lower than VSS is applied to an input or output pin.
A voltage higher than the rated voltage is applied between VCC and VSS pins.
The AVCC power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVRH) exceed the digital power-supply
voltage.
2.Handling unused pins
Leaving unused input terminals open may lead to permanent damage due to malfunction and latch-up; pull up or pull down the
terminals through the resistors of 2 k
or more.
3.Power supply pins (VCC/VSS)
If there are multiple VCC and VSS pins, from the point of view of device design, pins to be of the same potential are connected
inside of the device to prevent malfunction such as latch-up.
To reduce unnecessary radiation, prevent malfunctioning of the strobe signal due to the rise of ground level, and observe the
standard for total output current, be sure to connect the VCC and VSS pins to the power supply and ground externally.
Connect VCC and VSS pins to the device from the current supply source at a possibly low impedance.
As a measure against power supply noise, it is recommended to connect a capacitor of about 0.1
F as a bypass capacitor
between VCC and VSS pins in the vicinity of VCC and VSS pins of the device.
4.Mode Pins (MD0 to MD2)
Connect the mode pins directly to VCC or VSS pins. To prevent the device unintentionally entering test mode due to noise, lay out the
printed circuit board so as to minimize the distance from the mode pins to VCC or VSS pins and to provide a low-impedance
connection.
Vcc
Vss
Vss
Vcc
Vss
Vcc
MB90340E
Series
Vcc
Vss
Vcc
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com