Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90348CEPMC Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # MB90348CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90348CEPMC Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button MB90348CEPMC Datasheet HTML 69Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 70Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 71Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 72Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 73Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 74Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 75Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 76Page - Cypress Semiconductor MB90348CEPMC Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 72 of 92
MB90340E Series
11.4.13 I2C Timing
(TA –40C to +105C, VCC 5.0 V 10, VSS 0.0 V)
*1:For use at over 100 kHz, set the machine clock to at least 6 MHz.
*2:R,C: Pull-up resistor and load capacitor of the SCL and SDA lines.
*3:The maximum tHDDAT meets the requirement that it does not extend the “L” width (tLOW) of the SCL signal.
*4:A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSUDAT 250 ns must then be
met.
Parameter
Symbol
Condition
Standard-mode
Fast-mode*1
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
R
1.7 k,
C
50 pF*2
0
100
0
400
kHz
Hold time (repeated) START condition
SDA
  SCL 
tHDSTA
4.0
0.6
s
“L” width of the SCL clock
tLOW
4.7
1.3
s
“H” width of the SCL clock
tHIGH
4.0
0.6
s
Set-up time (repeated) START condition
SCL
  SDA 
tSUSTA
4.7
0.6
s
Data hold time
SCL
  SDA  
tHDDAT
03.45*3
00.9*4
s
Data set-up time
SDA
   SCL 
tSUDAT
250
100
ns
Set-up time for STOP condition
SCL
  SDA 
tSUSTO
4.0
0.6
s
Bus free time between a STOP and START condition
tBUS
4.7
1.3
s
SDA
SCL
tLOW
tSUDAT
tHDSTA
tBUS
tHDSTA
VIL
VIL
VIH
VIL
VIL
VIH
VIH
VIH
VIH
VIH
VIH
VIH
VIH
VIL VIL
VIL
VIH
tHDDAT
tHIGH
tSUSTA
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com