Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F585AMJ Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB91F585AMJ
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585AMJ Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB91F585AMJ Datasheet HTML 12Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 13Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 14Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 15Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 16Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 17Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 18Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 19Page - Cypress Semiconductor MB91F585AMJ Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 15 of 175
MB91580M/S Series
Pin No.
Pin name
I/O circuit
type*
Function
55
P032
F
General-purpose I/O port
AN13
ADC analog 13 input pin
61
P033
F
General-purpose I/O port
TIOB1
Base timer ch.1 TIOB input pin
TOT3
Reload timer ch.3 output pin
AN12
ADC analog 12 input pin
62
P034
F
General-purpose I/O port
TIOA1
Base timer ch.1 TIOA I/O pin
TIN3
Reload timer ch.3 event input pin
AN11
ADC analog 11 input pin
63
P035
F
General-purpose I/O port
TIOB0
Base timer ch.0 TIOB input pin
TOT2
Reload timer ch.2 output pin
AN10
ADC analog 10 input pin
64
P036
F
General-purpose I/O port
TIOA0
Base timer ch.0 TIOA output pin
TIN2
Reload timer ch.2 event input pin
AN9
ADC analog 9 input pin
68
P037
F
General-purpose I/O port
AN8
ADC analog 8 input pin
71
P040
H
General-purpose I/O port
SOT0_0
Multi-function serial ch.0 serial data output pin (0)/
I
2C ch.0 serial data I/O pin (SDA)
72
P041
H
General-purpose I/O port
SCK0_0
Multi-function serial ch.0 clock I/O pin (0)/
I
2C ch.0 clock I/O pin (SCL)
74
P042
D
General-purpose I/O port
SIN0_0
Multi-function serial ch.0 serial data input pin (0)
78
P043
D
General-purpose I/O port
SIN0_1
Multi-function serial ch.0 serial data input pin (1)
ADTG1
A/D converter ch.8 to ch.14 external trigger input pin
MONCLK
Clock monitor output pin
86
P044
D
General-purpose I/O port
TX0
CAN transmission data 0 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com