Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

30KP64 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 30KP64
Description  30kW Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

30KP64 Datasheet(HTML) 1 Page - Microsemi Corporation

  30KP64 Datasheet HTML 1Page - Microsemi Corporation 30KP64 Datasheet HTML 2Page - Microsemi Corporation 30KP64 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30kW Transient Voltage Suppressor
SCOTTSD A L E DIVISION
30KP33 thru 30KP400A
DESCRIPTION
APPEARANCE
These Microsemi 30 kW Transient Voltage Suppressors (TVSs) are
designed for applications requiring protection of voltage-sensitive electronic
devices that may be damaged by harsh or severe voltage transients
including lightning per IEC61000-4-5 and class levels with various source
impedances described herein. This series is available in 33 to 400 volt
standoff voltages (VWM) in both unidirectional and bi-directional with either
5% or 10% tolerances of the Breakdown Voltage (VBR). Microsemi also
offers numerous other TVS products to meet higher or lower power
demands and special applications
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Available in both Unidirectional and Bidirectional
construction (Bidirectional with C or CA suffix)
• Selections for 33 to 400 volt standoff voltages VWM
• Suppresses transients up to 30 kW @ 10/1000 µs
and 200 kW @ 8/20 µs (see Figure 1)
• Fast response
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
• Moisture classification is Level 1 with no dry pack
required per IPC/JEDEC J-STD-020B
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and
IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1,2,3,4: 30KP33A - 30KP400A or CA
Class 5: 30KP33A - 30KP400A or CA (short distance)
Class 5: 30KP33A - 30KP220A or CA (long distance)
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1,2, 3: 30KP33A to 30KP400A or CA
Class 4: 30KP33A to 30KP220A or CA
• Secondary lightning protection per IEC61000-4-5 with
2 Ohms source impedance:
Class 2: 30KP33A to 30KP400A or CA
Class 3: 30KP33 to 30KP220A or CA
Class 4: 30KP33 to 30KP110A or CA
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Peak Pulse Power dissipation at 25ºC: 30,000
watts at 10/1000 µs (also see Figures 1 and 2)
• Impulse repetition rate (duty factor): 0.05%
• tclamping (0 volts to V(BR) min.): < 100 ps theoretical
for unidirectional and < 5 ns for bidirectional
• Operating & Storage temperature: -65ºC to +150ºC
• Thermal resistance: 17.5ºC/W junction to lead, or
77.5
ºC/W junction to ambient when mounted on
FR4 PC board with 4 mm
2 copper pads (1oz) and
track width 1 mm, length 25 mm
• Steady-State Power dissipation: 7 watts at TL =
27.5
oC, or 1.61 watts at TA = 25ºC when mounted
on FR4 PC board described for thermal resistance
• Forward Surge: 250 Amps 8.3 ms half-sine wave
• Solder temperatures: 260 ºC for 10 s (maximum)
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
• FINISH: Tin-Lead plated readily solderable per MIL-
STD-750, method 2026
• MARKING: Body marked with part number
• POLARITY: Band denotes cathode. Bidirectional not
marked for polarity
• WEIGHT: 1.8 grams.
• TAPE & REEL option: Standard per EIA-296 for axial
package (add “TR” suffix to part number)
• See package dimension on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
06-24-2003 REV F


Similar Part No. - 30KP64

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
30KP64 EIC-30KP64 Datasheet
125Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
30KP64 NJSEMI-30KP64 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
30KP64 DIGITRON-30KP64 Datasheet
152Kb / 4P
30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
30KP64 ETC2-30KP64 Datasheet
322Kb / 3P
Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP64 DIGITRON-30KP64 Datasheet
210Kb / 5P
30kW TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP64

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
30KW Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
30kW Surface Mount Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
30kW TRANSIENT VOLTAGE SUPPRESSOR
30KP22 DIGITRON-30KP22_16 Datasheet
210Kb / 5P
30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
30KW Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com